Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 103 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 103 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 99Page - Cirrus Logic CS47L35 Datasheet HTML 100Page - Cirrus Logic CS47L35 Datasheet HTML 101Page - Cirrus Logic CS47L35 Datasheet HTML 102Page - Cirrus Logic CS47L35 Datasheet HTML 103Page - Cirrus Logic CS47L35 Datasheet HTML 104Page - Cirrus Logic CS47L35 Datasheet HTML 105Page - Cirrus Logic CS47L35 Datasheet HTML 106Page - Cirrus Logic CS47L35 Datasheet HTML 107Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 300 page
background image
DS1085F3
103
CS47L35
4.5 DSP Peripheral Control
Table 4-33. General-Purpose Timer (TIMERn) Control
Register Address
Bit
Label
Default
Description
Timer 1 Base Address = R311296 (0x4_C000)
Timer 2 Base Address = R311424 (0x4_C080)
Timer 3 Base Address = R311552 (0x4_C100)
Timer 4 Base Address = R311680 (0x4_C180)
Base address
Timern_Control
21
TIMERn_
CONTINUOUS
0
Timer Continuous Mode select
0 = Single mode
1 = Continuous mode
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field
20
TIMERn_DIR
0
Timer Count Direction
0 = Down
1 = Up
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field
18:16 TIMERn_
PRESCALE[2:0]
000
Timer Count Rate Prescale
000 = Divide by 1
001 = Divide by 2
010 = Divide by 4
011 = Divide by 8
100 = Divide by 16
101 = Divide by 32
110 = Divide by 64
111 = Divide by 128
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field
14:12 TIMERn_
REFCLK_
DIV[2:0]
000
Timer Reference Clock Divide
(Not valid for DSPCLK source).
000 = Divide by 1
001 = Divide by 2
010 = Divide by 4
011 = Divide by 8
100 = Divide by 16
101 = Divide by 32
110 = Divide by 64
111 = Divide by 128
If DSPCLK is enabled, and DSPCLK is not selected as source, the output frequency from
this divider must be set less than or equal to DSPCLK/3, and less than or equal to
12 MHz.
If DSPCLK is disabled, the output of this divider is used as clock reference for any
associated event logger. In this case, the divider output corresponds to the frequency of
event logging opportunities on the respective modules.
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field
10:8 TIMERn_
REFCLK_
FREQ_SEL[2:0]
000
Timer Reference Frequency Select
Only valid when SYSCLK or DSPCLK is the source. The selected frequency must be less
than or equal to the frequency of the respective source.
All other codes are reserved
Note that, because DSPCLK could be any frequency (within the valid ranges), it is not
possible to quote exact frequencies in this field definition. The exact frequency is derived
as DSPCLK divided by 1, 2, 4, 8, or 16.
Timer must be stopped (TIMERn_RUNNING_STS=0) when updating this field.
SYSCLK Source:
000 = 6.144 MHz (5.6448 MHz)
001 = 12.288 MHz (11.2896 MHz)
010 = 24.576 MHz (22.5792 MHz)
011 = 49.152 MHz (45.1584 MHz)
All other codes are reserved
DSPCLK Source:
000 = 5.5 MHz to 9.375 MHz
001 = 9.375 MHz to 18.75 MHz
010 = 18.75 MHz to 37.5 MHz
011 = 37.5 MHz to 75 MHz
3:0
TIMERn_
REFCLK_
SRC[3:0]
0000 Timer Reference Source Select. Timer must be stopped (TIMERn_RUNNING_STS=0)
when updating this field. Codes not listed are reserved.
0000 = DSPCLK
0001 = 32kHz clock
0100 = MCLK1
0101 = MCLK2
1000 = SYSCLK
1100 = GPIO2
1101 = GPIO9
1110 = GPIO13
1111 = GPIO16
Base address
+0x02
Timern_Count_
Preset
31:0 TIMERn_MAX_
COUNT[31:0]
0x0000
_0000
Timer Maximum Count
Final count value (when counting up)
Starting count value (when counting down)
Timer must be stopped (TIMERn_RUNNING_STS = 0) when updating this field
Base address
+0x06
Timern_Start_
and_Stop
4TIMERn_STOP
0
Timer Stop Control
Write 1 to stop.
0TIMERn_
START
0
Timer Start Control
Write 1 to start.
If the timer is already running, it restarts from its initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com