Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 27Page - Cirrus Logic CS47L35 Datasheet HTML 28Page - Cirrus Logic CS47L35 Datasheet HTML 29Page - Cirrus Logic CS47L35 Datasheet HTML 30Page - Cirrus Logic CS47L35 Datasheet HTML 31Page - Cirrus Logic CS47L35 Datasheet HTML 32Page - Cirrus Logic CS47L35 Datasheet HTML 33Page - Cirrus Logic CS47L35 Datasheet HTML 34Page - Cirrus Logic CS47L35 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 300 page
background image
DS1085F3
31
CS47L35
4.2 Input Signal Path
For single-ended input, the microphone signal is connected to the noninverting input of the PGAs (INnLP or INnRP). The
inverting inputs of the PGAs are connected to an internal reference in this configuration.
For differential input, the noninverted microphone signal is connected to the noninverting input of the PGAs (INnLP or
INnRP), while the inverted (or noisy ground) signal is connected to the inverting input pins (INnLN or INnRN).
Note: Pseudodifferential connection is also possible—this is similar to the configuration shown in Fig. 4-4, but the GND
connection is directly to the microphone (and INnxN capacitor), instead of via a resistor. This is the recommended
configuration if the external accessory detection functions on the CS47L35 are used. The INnx_SRC field settings
are the same for pseudodifferential connection as for differential.
The gain of the input PGAs is controlled via register settings, as defined in Section 4.2.6. Note that the input impedance
of the analog input paths is fixed across all PGA gain settings.
The ECM analog input configurations are shown in Fig. 4-3 and Fig. 4-4. The integrated MICBIAS generators provide a
low noise reference for biasing the ECMs.
Analog MEMS microphones can be connected to the CS47L35 in a similar manner to the ECM configurations. Typical
configurations are shown in Fig. 4-5 and Fig. 4-6. In this configuration, the integrated MICBIAS generators provide a
low-noise power supply for the microphones.
Note: The MICVDD pin can also be used (instead of MICBIAS) as a reference or power supply for external microphones.
The MICBIAS outputs are recommended, because they offer better noise performance and independent enable/
disable control.
4.2.2
Analog Line Input
Line inputs can be connected to the CS47L35 in a similar manner to the mic inputs. Single-ended and differential modes
are supported on each analog input path. The mode is selected using INnx_SRC, as described in Section 4.2.6.
Figure 4-3. Single-Ended ECM Input
Figure 4-4. Differential ECM Input
Figure 4-5. Single-Ended MEMS Input
Figure 4-6. Differential MEMS Input
To ADC
VREF
IN1xN,
IN2xN
IN1xP,
IN2xP
ECM
GND
MICBIAS
PGA
+
–
To ADC
VREF
IN1xN,
IN2xN
IN1xP,
IN2xP
ECM
GND
MICBIAS
PGA
+
–
To ADC
VREF
IN1xN,
IN2xN
IN1xP,
IN2xP
MEMS
Mic
MICBIAS
VDD
OUT
GND
GND
PGA
+
–
MEMS
Mic
To ADC
VREF
IN1xN,
IN2xN
IN1xP,
IN2xP
MICBIAS
VDD
OUT-P
GND
GND
OUT-N
PGA
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com