Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 2Page - Cirrus Logic CS47L35 Datasheet HTML 3Page - Cirrus Logic CS47L35 Datasheet HTML 4Page - Cirrus Logic CS47L35 Datasheet HTML 5Page - Cirrus Logic CS47L35 Datasheet HTML 6Page - Cirrus Logic CS47L35 Datasheet HTML 7Page - Cirrus Logic CS47L35 Datasheet HTML 8Page - Cirrus Logic CS47L35 Datasheet HTML 9Page - Cirrus Logic CS47L35 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 300 page
background image
6
DS1085F3
CS47L35
1.2 Pin Descriptions
IN2LP
K4
MICVDD
I
Left-channel single-ended mic/line input/left-channel positive
differential mic/line input
IN2RN/DMICDAT2
E1
MICVDD or
MICBIASnx
I
Right-channel negative differential mic/line input/DMIC Data Input 2
IN2RP
F2
MICVDD
I
Right-channel single-ended mic/line input/right-channel positive
differential mic/line input
JACKDET1
D10
AVDD
I
Jack detect input 1
JACKDET2
H10
AVDD
I
Jack detect input 2
MICBIAS1A
A1
—
O
Microphone bias 1A
MICBIAS1B
A3
—
O
Microphone bias 1B
MICBIAS2A
B2
—
O
Microphone bias 2A
MICBIAS2B
C3
—
O
Microphone bias 2B
MICDET1/HPOUTFB2
E11
—
I
Microphone and accessory sense input 1/HPOUTL and HPOUTR
ground feedback pin 2
MICVDD
B4
—
O
LDO2 output decoupling pin (generated internally by CS47L35). (Can
also be used as reference/supply for external microphones.)
SPKOUTN
P2
—
O
Speaker negative output
SPKOUTP
T2
—
O
Speaker positive output
VREFC
J1
—
O
Band-gap reference external capacitor connection
Digital I/O
AIF1BCLK/GPIO9
T12
DBVDD1
I/O
Audio interface 1 bit clock/GPIO. GPIO output is selectable CMOS or
open drain; BCLK output is CMOS.
AIF1LRCLK/GPIO11
R11
DBVDD1
I/O
Audio interface 1 left/right clock/GPIO. GPIO output is selectable
CMOS or open drain; LRCLK output is CMOS.
AIF1RXDAT/GPIO8
P10
DBVDD1
I/O
Audio interface 1 RX digital audio data/GPIO. GPIO output is
selectable CMOS or open drain.
AIF1TXDAT/GPIO10
T10
DBVDD1
I/O
Audio interface 1 TX digital audio data/GPIO. GPIO output is
selectable CMOS or open drain; TXDAT output is CMOS.
AIF2BCLK/GPIO13
P6
DBVDD2
I/O
Audio interface 2 bit clock/GPIO. GPIO output is selectable CMOS or
open drain; BCLK output is CMOS.
AIF2LRCLK/GPIO15
M6
DBVDD2
I/O
Audio interface 2 left/right clock/GPIO. GPIO output is selectable
CMOS or open drain; LRCLK output is CMOS.
AIF2RXDAT/GPIO14
K6
DBVDD2
I/O
Audio interface 2 RX digital audio data/GPIO. GPIO output is
selectable CMOS or open drain.
AIF2TXDAT/GPIO12
L5
DBVDD2
I/O
Audio interface 2 TX digital audio data/GPIO. GPIO output is
selectable CMOS or open drain; TXDAT output is CMOS.
AIF3BCLK/GPIO2
R5
DBVDD2
I/O
Audio interface 3 bit clock/GPIO. GPIO output is selectable CMOS or
open drain; BCLK output is CMOS.
AIF3LRCLK/GPIO4
N5
DBVDD2
I/O
Audio interface 3 left/right clock/GPIO. GPIO output is selectable
CMOS or open drain; LRCLK output is CMOS.
AIF3RXDAT/GPIO3
P4
DBVDD2
I/O
Audio interface 3 RX digital audio data/GPIO. GPIO output is
selectable CMOS or open drain.
AIF3TXDAT/GPIO1
M4
DBVDD2
I/O
Audio interface 3 TX digital audio data/GPIO. GPIO output is
selectable CMOS or open drain; TXDAT output is CMOS.
CIF1MISO
M10
DBVDD1
O
Control interface 1 (SPI) Master In Slave Out data. The CIFMISO is
high impedance if CIF1SS is not asserted.
CIF1MOSI
L9
DBVDD1
I
Control interface 1 (SPI) Master Out Slave In data
CIF1SCLK
L11
DBVDD1
I
Control interface 1 (SPI) clock input
CIF1SS
K10
DBVDD1
I
Control interface 1 (SPI) slave select (SS)
CIF2SCLK
P12
DBVDD1
I
Control interface 2 (I2C) clock input
Table 1-1. Pin Descriptions (Cont.)
Name
Ball #
Power
Supply
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com