Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 60Page - Cirrus Logic CS47L35 Datasheet HTML 61Page - Cirrus Logic CS47L35 Datasheet HTML 62Page - Cirrus Logic CS47L35 Datasheet HTML 63Page - Cirrus Logic CS47L35 Datasheet HTML 64Page - Cirrus Logic CS47L35 Datasheet HTML 65Page - Cirrus Logic CS47L35 Datasheet HTML 66Page - Cirrus Logic CS47L35 Datasheet HTML 67Page - Cirrus Logic CS47L35 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 300 page
background image
64
DS1085F3
CS47L35
4.3 Digital Core
Figure 4-22. Digital-Core Tone Generator
The tone generators can be selected as input to any of the digital mixers or signal-processing functions within the CS47L35
digital core. The hexadecimal numbers in Fig. 4-22 indicate the corresponding x_SRCn setting for selection of that signal
as an input to another digital-core function.
The sample rate for the tone generators is configured using TONE_RATE. See Table 4-21. Note that sample-rate
conversion is required when routing the tone generator outputs to any signal chain that is configured for a different sample
rate.
The tone generators are enabled by setting the TONE1_ENA and TONE2_ENA bits as described in Table 4-17. The
phase relationship is configured using TONE_OFFSET.
The tone generators can also provide a configurable DC signal level, for use as a test signal. The DC output is selected
using the TONEn_OVD bits, and the DC signal amplitude is configured using the TONEn_LVL fields, as described in
Table 4-17.
SYSCLK must be present and enabled before setting the TONEn_ENA bits. The tone generators should be kept disabled
(TONEn_ENA = 0) if SYSCLK is not enabled. See Section 4.16.4 for further details (including requirements for
reconfiguring SYSCLK while digital core functions are enabled).
Table 4-17. Tone Generator Control
Register Address Bit
Label
Default
Description
R32 (0x0020)
Tone_Generator_1
9:8 TONE_
OFFSET[1:0]
00
Tone Generator Phase Offset. Sets the phase of Tone Generator 2 relative to Tone
Generator 1
00 = 0 degrees (in phase)
01 = 90 degrees ahead
10 = 180 degrees ahead
11 = 270 degrees ahead
5TONE2_
OVD
0
Tone Generator 2 Override
0 = Disabled (1-kHz tone output)
1 = Enabled (DC signal output)
The DC signal level, when selected, is configured using TONE2_LVL[23:0]
4TONE1_
OVD
0
Tone Generator 1 Override
0 = Disabled (1-kHz tone output)
1 = Enabled (DC signal output)
The DC signal level, when selected, is configured using TONE1_LVL[23:0]
1
TONE2_ENA
0
Tone Generator 2 Enable
0 = Disabled
1 = Enabled
0
TONE1_ENA
0
Tone Generator 1 Enable
0 = Disabled
1 = Enabled
R33 (0x0021)
Tone_Generator_2
15:0 TONE1_
LVL[23:8]
0x1000 Tone Generator 1 DC output level
TONE1_LVL[23:8] is coded as 2’s complement. Bits [23:20] contain the integer portion; bits
[19:0] contain the fractional portion.
The digital core 0 dBFS level corresponds to 0x10_0000 (+1) or 0xF0_0000 (–1).
Tone Generator 1 (0x04)
Tone Generator 2 (0x05)
1-kHz
Tone Generator
TONE1_ENA
TONE2_ENA
TONE_OFFSET
TONE_RATE
TONE1_OVD
TONE1_LVL
TONE2_OVD
TONE2_LVL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com