Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 99 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 99 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 95Page - Cirrus Logic CS47L35 Datasheet HTML 96Page - Cirrus Logic CS47L35 Datasheet HTML 97Page - Cirrus Logic CS47L35 Datasheet HTML 98Page - Cirrus Logic CS47L35 Datasheet HTML 99Page - Cirrus Logic CS47L35 Datasheet HTML 100Page - Cirrus Logic CS47L35 Datasheet HTML 101Page - Cirrus Logic CS47L35 Datasheet HTML 102Page - Cirrus Logic CS47L35 Datasheet HTML 103Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 300 page
background image
DS1085F3
99
CS47L35
4.5 DSP Peripheral Control
Base address +0x5E
EVENTLOGn_CH16_
DEFINE
15
EVENTLOGn_CH16_DB
0
Event Log Channel 16 debounce
0 = Disabled, 1 = Enabled
Note that channel must be disabled when updating this field
14
EVENTLOGn_CH16_POL
0
Event Log Channel 16 polarity
0 = Rising edge triggered, 1 = Falling edge triggered
Note that channel must be disabled when updating this field
8:0 EVENTLOGn_CH16_SEL[8:0] 0x000 Event Log Channel 16 source 1
Field description is as above.
Base address +0x80
EVENTLOGn_FIFO0_READ
12
EVENTLOGn_FIFO0_POL
0
Event Log FIFO Index 0 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO0_ID[8:0]
0x000 Event Log FIFO Index 0 source 1
Base address +0x82
EVENTLOGn_FIFO0_TIME
31:0 EVENTLOGn_FIFO0_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 0 Time
Base address +0x84
EVENTLOGn_FIFO1_READ
12
EVENTLOGn_FIFO1_POL
0
Event Log FIFO Index 1 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO1_ID[8:0]
0x000 Event Log FIFO Index 1 source 1
Base address +0x86
EVENTLOGn_FIFO1_TIME
31:0 EVENTLOGn_FIFO1_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 1 Time
Base address +0x88
EVENTLOGn_FIFO2_READ
12
EVENTLOGn_FIFO2_POL
0
Event Log FIFO Index 2 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO2_ID[8:0]
0x000 Event Log FIFO Index 2 source 1
Base address +0x8A
EVENTLOGn_FIFO2_TIME
31:0 EVENTLOGn_FIFO2_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 2 Time
Base address +0x8C
EVENTLOGn_FIFO3_READ
12
EVENTLOGn_FIFO3_POL
0
Event Log FIFO Index 3 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO3_ID[8:0]
0x000 Event Log FIFO Index 3 source 1
Base address +0x8E
EVENTLOGn_FIFO3_TIME
31:0 EVENTLOGn_FIFO3_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 3 Time
Base address +0x90
EVENTLOGn_FIFO4_READ
12
EVENTLOGn_FIFO4_POL
0
Event Log FIFO Index 4 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO4_ID[8:0]
0x000 Event Log FIFO Index 4 source 1
Base address +0x92
EVENTLOGn_FIFO4_TIME
31:0 EVENTLOGn_FIFO4_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 4 Time
Base address +0x94
EVENTLOGn_FIFO5_READ
12
EVENTLOGn_FIFO5_POL
0
Event Log FIFO Index 5 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO5_ID[8:0]
0x000 Event Log FIFO Index 5 source 1
Base address +0x96
EVENTLOGn_FIFO5_TIME
31:0 EVENTLOGn_FIFO5_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 5 Time
Base address +0x98
EVENTLOGn_FIFO6_READ
12
EVENTLOGn_FIFO6_POL
0
Event Log FIFO Index 6 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO6_ID[8:0]
0x000 Event Log FIFO Index 6 source 1
Base address +0x9A
EVENTLOGn_FIFO6_TIME
31:0 EVENTLOGn_FIFO6_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 6 Time
Base address +0x9C
EVENTLOGn_FIFO7_READ
12
EVENTLOGn_FIFO7_POL
0
Event Log FIFO Index 7 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO7_ID[8:0]
0x000 Event Log FIFO Index 7 source 1
Base address +0x9E
EVENTLOGn_FIFO7_TIME
31:0 EVENTLOGn_FIFO7_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 7 Time
Base address +0xA0
EVENTLOGn_FIFO8_READ
12
EVENTLOGn_FIFO8_POL
0
Event Log FIFO Index 8 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO8_ID[8:0]
0x000 Event Log FIFO Index 8 source 1
Base address +0xA2
EVENTLOGn_FIFO8_TIME
31:0 EVENTLOGn_FIFO8_
TIME[31:0]
0x0000
_0000
Event Log FIFO Index 8 Time
Base address +0xA4
EVENTLOGn_FIFO9_READ
12
EVENTLOGn_FIFO9_POL
0
Event Log FIFO Index 9 polarity
0 = Rising edge, 1 = Falling edge
8:0 EVENTLOGn_FIFO9_ID[8:0]
0x000 Event Log FIFO Index 9 source 1
Table 4-31. Event Logger (EVENTLOGn) Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com