Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 55Page - Cirrus Logic CS47L35 Datasheet HTML 56Page - Cirrus Logic CS47L35 Datasheet HTML 57Page - Cirrus Logic CS47L35 Datasheet HTML 58Page - Cirrus Logic CS47L35 Datasheet HTML 59Page - Cirrus Logic CS47L35 Datasheet HTML 60Page - Cirrus Logic CS47L35 Datasheet HTML 61Page - Cirrus Logic CS47L35 Datasheet HTML 62Page - Cirrus Logic CS47L35 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 300 page
background image
DS1085F3
59
CS47L35
4.3 Digital Core
4.3.6
Low-/High-Pass Digital Filter (LHPF)
The digital core provides four LHPF processing blocks as shown in Fig. 4-19. A four-input mixer is associated with each
filter. The four input sources are selectable in each case, and independent volume control is provided for each path. Each
LHPF block supports one output.
The LHPF /HPF can be used to remove unwanted out-of-band noise from a signal path. Each filter can be configured either
as a low-pass filter (LPF) or a high-pass filter (HPF).
Figure 4-19. Digital-Core LPF/HPF Blocks
The LHPF1–LHPF4 mixer control fields, shown in Fig. 4-19, are located at register addresses R2304–R2335
(0x0900–0x091F).
The full list of digital mixer control registers (R1600–R2936) is provided in Section 6. Generic register field definitions are
provided in Table 4-7.
The x_SRCn fields select the input sources for the respective LHPF processing blocks. Note that the selected input
sources must be configured for the same sample rate as the LHPF to which they are connected. Sample-rate conversion
functions are available to support flexible interconnectivity; see Section 4.3.14.
The hexadecimal numbers in Fig. 4-19 indicate the corresponding x_SRCn setting for selection of that signal as an input
to another digital-core function.
The LHPF blocks should be kept disabled (LHPFn_ENA = 0) if SYSCLK is not enabled. The x_SRCn fields for all digital
core functions should be held at 0x00 if SYSCLK is not enabled. SYSCLK must be present and enabled before selecting
other values for these fields. See Section 4.16.4 for further details (including requirements for reconfiguring SYSCLK while
digital core functions are enabled).
The sample rate for the LHPF function is configured using FX_RATE; see Table 4-21. Note that the EQ, DRC, and LHPF
functions must all be configured for the same sample rate. Sample-rate conversion is required when routing the LHPF
signal paths to any signal chain that is configured for a different sample rate.
The FX_RATE field must not be changed if any of the associated x_SRCn fields is nonzero. The associated x_SRCn fields
must be cleared before writing a new value to FX_RATE. A minimum delay of 125
s must be allowed between clearing
the x_SRCn fields and writing to FX_RATE. See Table 4-21 for details.
The control registers associated with the LHPF functions are described in Table 4-15.
The cut-off frequencies for the LHPF blocks are set using the coefficients held in registers R3777, R3781, R3785, and
R3789 for LHPF1, LHPF2, LHPF3 and LHPF4 respectively. These coefficients are derived using tools provided in Cirrus
Logic’s WISCE evaluation board control software; please contact your Cirrus Logic representative for details.
LHPFnMIX_SRC1
LHPFnMIX_SRC3
LHPFnMIX_SRC4
LHPFnMIX_SRC2
LHPF1 (0x60)
LHPF2 (0x61)
LHPF3 (0x62)
LHPF4 (0x63)
Low-Pass filter (LPF) /
High-Pass filter (HPF)
LHPFnMIX_VOL2
LHPFnMIX_VOL3
LHPFnMIX_VOL4
LHPFnMIX_VOL1
+
LHPF
…
…
…
…
CS47L35 supports four LHPF blocks, i.e., n = 1–4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com