Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 70Page - Cirrus Logic CS47L35 Datasheet HTML 71Page - Cirrus Logic CS47L35 Datasheet HTML 72Page - Cirrus Logic CS47L35 Datasheet HTML 73Page - Cirrus Logic CS47L35 Datasheet HTML 74Page - Cirrus Logic CS47L35 Datasheet HTML 75Page - Cirrus Logic CS47L35 Datasheet HTML 76Page - Cirrus Logic CS47L35 Datasheet HTML 77Page - Cirrus Logic CS47L35 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 300 page
background image
74
DS1085F3
CS47L35
4.3 Digital Core
4.3.14 Isochronous Sample-Rate Converter (ISRC)
The CS47L35 supports multiple signal paths through the digital core. The ISRCs provide sample-rate conversion between
synchronized sample rates on the SYSCLK clock domain.
There are two ISRCs on the CS47L35. Each ISRC provides four signal paths between two different sample rates, as
shown in Fig. 4-27. The sample rates associated with each ISRC can each be set equal to SAMPLE_RATE_1, SAMPLE_
RATE_2, or SAMPLE_RATE_3. See Section 4.16 for details of the sample-rate control registers.
Each ISRC supports sample rates in the range 8–192 kHz. The higher of the sample rates associated with each ISRC
must be an integer multiple of the lower sample rate; all possible integer ratios are supported (i.e., up to 24).
Each ISRC converts between a sample rate selected by ISRCn_FSL and a sample rate selected by ISRCn_FSH, (where
n
identifies the applicable ISRC 1 or 2). Note that, in each case, the higher of the two sample rates must be selected by
ISRCn_FSH.
The ISRCn_FSL and ISRCn_FSH fields must not be changed if any of the respective x_SRCn fields is nonzero. The
associated x_SRCn fields must be cleared before writing new values to ISRCn_FSL or ISRCn_FSH. A minimum delay of
125
s must be allowed between clearing the x_SRCn fields and writing to the associated ISRCn_FSL or ISRCn_FSH
fields. See Table 4-22 for details.
The ISRC signal paths are enabled using the ISRCn_INTm_ENA and ISRCn_DECm_ENA bits, as follows:
•The ISRCn interpolation paths (increasing sample rate) are enabled by setting the ISRCn_INTm_ENA bits, (where
m
identifies the applicable channel).
•The ISRCn decimation paths (decreasing sample rate) are enabled by setting the ISRCn_DECm_ENA bits.
The CS47L35 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the
commanded ISRC and digital mixing functions. If the frequency is too low, an attempt to enable an ISRC signal path fails.
Note that active signal paths are not affected under such circumstances.
The status bits in registers R1600–R2936 indicate the status of each of the digital mixers. If an underclocked error
condition occurs, these bits indicate which mixers have been enabled.
The ISRC signal paths and control registers are shown in Fig. 4-27.
R3584 (0x0E00)
FX_Ctrl1
14:11 FX_RATE[3:0]
0000
FX Sample Rate (EQ, LHPF, DRC)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All EQnMIX_SRCm, DRCnxMIX_SRCm, and LHPFnMIX_SRCm fields must be
cleared before changing FX_RATE.
R1048064 (0x0F_
FE00)
DSP1_Config_1
14:11 DSP1_RATE[3:0]
0000
DSP1 Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
All DSPnxMIX_SRCm fields must be cleared before changing DSPn_RATE.
R1572352 (0x17_
FE00)
DSP2_Config_1
14:11 DSP2_RATE[3:0]
0000
R2096640 (0x1F_
FE00)
DSP3_Config_1
14:11 DSP3_RATE[3:0]
0000
Table 4-21. Digital-Core Sample-Rate Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com