Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 15Page - Cirrus Logic CS47L35 Datasheet HTML 16Page - Cirrus Logic CS47L35 Datasheet HTML 17Page - Cirrus Logic CS47L35 Datasheet HTML 18Page - Cirrus Logic CS47L35 Datasheet HTML 19Page - Cirrus Logic CS47L35 Datasheet HTML 20Page - Cirrus Logic CS47L35 Datasheet HTML 21Page - Cirrus Logic CS47L35 Datasheet HTML 22Page - Cirrus Logic CS47L35 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 300 page
background image
19
DS1085F3
CS47L35
3 Characteristics and Specifications
2.Digital speaker (PDM) interface timing—Mode B
Table 3-16. Digital Audio Interface—Master Mode
Test conditions (unless specified otherwise): CLOAD = 25 pF (output pins); BCLK slew (10% to 90%) = 3.7–5.6 ns; with the exception of the conditions
noted, the following electrical characteristics are valid across the full range of recommended operating conditions.
Parameter 1
1.Digital audio interface timing—Master Mode. Note that BCLK and LRCLK outputs
can be inverted if required; the figure shows the default, noninverted polarity.
Symbol
Minimum
Typical
Maximum
Units
Master Mode
AIFnBCLK cycle time
tBCY
40
—
—
ns
AIFnBCLK pulse width high
tBCH
18
—
—
ns
AIFnBCLK pulse width low
tBCL
18
—
—
ns
AIFnLRCLK propagation delay from BCLK falling edge 2
2.The timing of the AIFnLRCLK signal is selectable. If the LRCLK advance option is enabled, the LRCLK transition is timed relative to the preceding
BCLK edge. Under the required condition that BCLK is inverted in this case, the LRCLK transition is still timed relative to the falling BCLK edge.
tLRD
0—
8.3
ns
AIFnTXDAT propagation delay from BCLK falling edge
tDD
0—5
ns
AIFnRXDAT setup time to BCLK rising edge
tDSU
11
—
—
ns
AIFnRXDAT hold time from BCLK rising edge
tDH
0—
—
ns
Master Mode,
Slave LRCLK
AIFnLRCLK setup time to BCLK rising edge
tLRSU
14
—
—
ns
AIFnLRCLK hold time from BCLK rising edge
tLRH
0—
—
ns
Note: The descriptions above assume noninverted polarity of AIFnBCLK.
(right data)
(left data)
VOL
tf
SPKCLK
(output)
SPKDAT
(output)
tLDIS
tRDIS
tLEN
tCY
tREN
VOL
tr
VOH
VOH
BCLK
(output)
LRCLK
(output)
TXDAT
(output)
RXDAT
(input)
tDD
tDH
tDSU
tLRD
tBCH
tBCL
tBCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com