Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 62Page - Cirrus Logic CS47L35 Datasheet HTML 63Page - Cirrus Logic CS47L35 Datasheet HTML 64Page - Cirrus Logic CS47L35 Datasheet HTML 65Page - Cirrus Logic CS47L35 Datasheet HTML 66Page - Cirrus Logic CS47L35 Datasheet HTML 67Page - Cirrus Logic CS47L35 Datasheet HTML 68Page - Cirrus Logic CS47L35 Datasheet HTML 69Page - Cirrus Logic CS47L35 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 300 page
background image
66
DS1085F3
CS47L35
4.3 Digital Core
4.3.11 Haptic Signal Generator
The CS47L35 incorporates a signal generator for use with haptic devices (e.g., mechanical vibration actuators). The haptic
signal generator is compatible with both eccentric rotating mass (ERM) and linear resonant actuator (LRA) haptic devices.
The haptic signal generator is highly configurable, and includes the capability to execute a programmable event profile
comprising three distinct operating phases.
The resonant frequency of the haptic signal output (for LRA devices) is selectable, providing support for many different
actuator components.
The haptic signal generator is a digital signal generator, which is incorporated within the digital core of the CS47L35. The
haptic signal may be routed via the digital-core output mixers to the Class D speaker output for connection to the external
haptic device, as shown in Fig. 4-24. Note that the digital PDM output paths may also be used for haptic signal output.
Figure 4-24. Digital-Core Haptic Signal Generator
The hexadecimal number (0x06) in Fig. 4-24 indicates the corresponding x_SRCn setting for selection of the haptic signal
generator as an input to another digital-core function.
The haptic signal generator is selected as input to one of the digital-core output mixers by setting the x_SRCn field of the
applicable output mixer to 0x06.
SYSCLK must be present and enabled before setting HAP_CTRL > 00. The haptic signal generator should be kept
disabled (HAP_CTRL = 00) if SYSCLK is not enabled. See Section 4.16.4 for further details (including requirements for
reconfiguring SYSCLK while digital core functions are enabled).
The sample rate for the haptic signal generator is configured using the HAP_RATE field. See Table 4-19. Note that
sample-rate conversion is required when routing the haptic signal generator output to any signal chain that is configured
for a different sample rate.
The haptic signal generator is configured for an ERM or LRA actuator using the HAP_ACT bit. The required resonant
frequency is configured using the LRA_FREQ field. Note that the resonant frequency is only applicable to LRA actuators.
The signal generator can be enabled in continuous mode or configured for one-shot mode using the HAP_CTRL field, as
described in Table 4-19. In one-shot mode, the output is triggered by writing to the ONESHOT_TRIG bit.
In one-shot mode, the signal generator profile comprises the distinct phases (1, 2, 3). The duration and intensity of each
output phase is programmable.
In continuous mode, the signal intensity is controlled using the PHASE2_INTENSITY field only.
In the case of an ERM actuator (HAP_ACT = 0), the haptic output is a DC signal level, which may be positive or negative,
as selected by the x_INTENSITY fields.
For an LRA actuator (HAP_ACT = 1), the haptic output is an AC signal; selecting a negative signal level corresponds to a
180° phase inversion. In some applications, phase inversion may be desirable during the final phase, to halt the physical
motion of the haptic device.
Haptic Output
(0x06)
Haptic Signal
Generator
HAP_ACT
HAP_CTRL
ONESHOT_TRIG
LRA_FREQ
HAP_RATE
+
Digital Core Output Mixer
DAC
Output
Volume
Class D Speaker
Driver
DAC
OUTnxMIX_SRCn
OUTnxMIX_VOLn
Haptic
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com