Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 75Page - Cirrus Logic CS47L35 Datasheet HTML 76Page - Cirrus Logic CS47L35 Datasheet HTML 77Page - Cirrus Logic CS47L35 Datasheet HTML 78Page - Cirrus Logic CS47L35 Datasheet HTML 79Page - Cirrus Logic CS47L35 Datasheet HTML 80Page - Cirrus Logic CS47L35 Datasheet HTML 81Page - Cirrus Logic CS47L35 Datasheet HTML 82Page - Cirrus Logic CS47L35 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 300 page
background image
DS1085F3
79
CS47L35
4.4 DSP Firmware Control
The register window space is additional to the X-data memory sizes described in Table 4-23. Note that the X-memory
addresses of these register windows are the same for all DSP cores, regardless of the different X-memory sizes.
Addresses 0xC000 to 0xDFFF in X-memory map directly to addresses 0x0000 to 0x1FFF in the device register space.
This fixed register window contains primarily the codec control registers; it also includes the virtual DSP control registers
(described in Section 4.4.6). Each X-memory address within this window maps onto one 16-bit register in the codec
memory space.
Four movable register windows are also provided, starting at X-memory addresses 0xF000, 0xF400, 0xF800, and 0xFC00
respectively. Each window represents 1024 addresses in the X-memory space. The start address, within the
corresponding device register space, for each window is configured using DSPn_EXT_[A/B/C/D]_PAGE (where A defines
the first window, B defines the second window, etc.).
Two mapping modes are supported and are selected using the DSPn_EXT_[A/B/C/D]_PSIZE16 bits for the respective
window. In 16-Bit Mode, each address within the window maps onto one 16-bit register in the device memory space; the
window equates to 1024 x 16-bit registers. In 32-Bit Mode, each address within the window maps onto two 16-bit registers
in the device memory space; the window equates to 1024 x 32-bit registers.
Note that the X-memory is only 24-bits wide; as a result, the upper 8 bits of the odd-numbered register addresses are not
mapped, and cannot be accessed, in 32-Bit Mode.
The DSPn_EXT_[A/B/C/D]_PAGE fields are defined with an LSB = 512. Accordingly, the base address of each window
must be aligned with 512-word boundaries. Note that the base addresses are entirely independent of each other; for
example, overlapping windows are permissible if required, and there is no requirement for the A/B/C/D windows to be at
incremental locations.
The register map window functions are shown in Fig. 4-28. Further information on the definition and usage of the DSP
firmware memories is provided in the software programming guide; contact your Cirrus Logic representative if required.
Note that SYSCLK must be present and enabled, if the DSP firmware requires read or write access to control registers
below address 0x40000. See Section 4.16 for further details of the CS47L35 system clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com