Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 29Page - Cirrus Logic CS47L35 Datasheet HTML 30Page - Cirrus Logic CS47L35 Datasheet HTML 31Page - Cirrus Logic CS47L35 Datasheet HTML 32Page - Cirrus Logic CS47L35 Datasheet HTML 33Page - Cirrus Logic CS47L35 Datasheet HTML 34Page - Cirrus Logic CS47L35 Datasheet HTML 35Page - Cirrus Logic CS47L35 Datasheet HTML 36Page - Cirrus Logic CS47L35 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 300 page
background image
DS1085F3
33
CS47L35
4.2 Input Signal Path
Figure 4-9. DMIC Input
Two DMIC channels are interleaved on DMICDATn. The DMIC interface timing is shown in Fig. 4-10. Each microphone
must tristate its data output when the other microphone is transmitting.
Figure 4-10. DMIC Interface Timing
When DMIC input is enabled, the CS47L35 outputs a clock signal on the applicable DMICCLK pins. The DMICCLK
frequency is selectable, as described in Table 4-1.
Note that SYSCLK must be present and enabled when using the DMIC inputs; see Section 4.16 for details regarding
SYSCLK and the associated registers.
4.2.4
Input Signal Path Enable
The input signal paths are enabled using the bits described in Table 4-2. The respective bits must be enabled for analog
or digital input on the respective input paths.
Digital Mic
MICVDD or MICBIASnx
AGND
Digital Mic
VDD
CLK DATA
VDD CLK DATA
CHAN
CHAN
VDD
DMICDATn
DMICCLKn
Digital
Microphone
Interface
The DMIC inputs are referenced to
MICVDD, MICBIAS1B, MICBIAS2A, or
MICBIAS2B.
The supply for each digital microphone
should provide the same voltage as the
applicable reference.
DMICCLKn pin
DMICDATn pin
(Left and right channels interleaved)
1
2
1
2
1
2
Left mic output
1
1
1
Right mic output
2
2
2
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com