Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 94 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 94 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 90Page - Cirrus Logic CS47L35 Datasheet HTML 91Page - Cirrus Logic CS47L35 Datasheet HTML 92Page - Cirrus Logic CS47L35 Datasheet HTML 93Page - Cirrus Logic CS47L35 Datasheet HTML 94Page - Cirrus Logic CS47L35 Datasheet HTML 95Page - Cirrus Logic CS47L35 Datasheet HTML 96Page - Cirrus Logic CS47L35 Datasheet HTML 97Page - Cirrus Logic CS47L35 Datasheet HTML 98Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 300 page
background image
94
DS1085F3
CS47L35
4.5 DSP Peripheral Control
The event logger can be reset by writing 1 to EVENTLOGn_RST. Executing this function clears all the event logger status
flags and clears the contents of the FIFO buffer.
The associated timer (and time-stamp source) is selected using EVENTLOGn_TIME_SEL. Note that the event logger
must be disabled (EVENTLOGn_ENA = 0) when selecting the timer source.
4.5.2.3 Input Channel Configuration
The event logger allows up to 16 input channels to be configured for detection and logging. The EVENTLOGn_CHx_SEL
field selects the applicable input source for each channel (where x identifies the channel number, 1 to 16). The polarity
selection and debounce options are configured using the EVENTLOGn_CHx_POL and EVENTLOGn_CHx_DB bits
respectively.
The input channels can be enabled or disabled freely, using EVENTLOGn_CHx_ENA, without having to disable the event
logger entirely. An input channel must be disabled whenever the associated x_SEL, x_POL, or x_DB fields are written. It
is possible to reconfigure input channels while the event logger is enabled, provided the channels being reconfigured are
disabled when doing so.
The available input sources include GPIO inputs, external accessory status (jack, mic, sensors), and signals generated by
the integrated DSP cores. A list of the valid input sources for the event loggers is provided in Table 4-32. Note that, to log
both rising and falling events from any source, two separate input channels must be configured—one for each polarity.
If an input channel is configured for rising edge detection (EVENTLOGn_CHx_POL = 0), and the corresponding input
signal is asserted (Logic 1) at the time when the event logger is enabled, an event is logged in respect of this initial state.
Similarly, if an input channel is configured for falling edge detection, and is deasserted (Logic 0) when the event logger is
enabled, a corresponding event is logged. If rising and falling edges are both configured for detection, an event is always
logged in respect of the initial condition.
4.5.2.4 FIFO Buffer
Each event (signal transition) that meets the criteria of an enabled channel is written to the 16-stage FIFO buffer. The
buffer is filled cyclically, but does not overwrite unread data when full. An error condition occurs if the buffer fills up
completely.
Note that the FIFO behavior is not enforced or fully implemented in the device hardware, but assumes that a compatible
software implementation is in place. New events are written to the buffer in a cyclic manner, but the data can be read out
in any order, if desired. The designed FIFO behavior requires the software to update the read pointer (RPTR) in the
intended manner for smooth operation.
The entire contents of the 16-stage FIFO buffer can be accessed directly in the register map. Each FIFO index (y = 0 to
15) comprises the EVENTLOGn_FIFOy_ID (identifying the source signal of the associated log event), the EVENTLOGn_
FIFOy_POL (the polarity of the respective event transition), and the EVENTLOGn_FIFOy_TIME field (containing the 32-bit
time stamp from the associated timer).
The FIFO buffer is managed using EVENTLOGn_FIFO_WPTR and EVENTLOGn_FIFO_RPTR. The write pointer
(WPTR) field identifies the index location (0 to 15) in which the next event is logged. The read pointer (RPTR) field
identifies the index location of the first set of unread data, if any exists. Both of these fields are initialized to 0 when the
event logger is reset.
•If RPTR
 WPTR, the buffer contains new data. The number of new events is equal to the difference between the
two pointer values (WPTR – RPTR, allowing for wraparound beyond Index 15). For example, if WPTR = 12 and
RPTR = 8, this means that there are four unread data sets in the buffer, at index locations 8, 9, 10, and 11.
After reading the new data from the buffer, the RPTR value should be incremented by the corresponding amount
(e.g., increment by 4, in the example described above). Note that the RPTR value can either be incremented once
for each read, or can be incremented in larger steps after a batch read.
• If RPTR = WPTR, the buffer is either empty (0 events) or full (16 events). In this case, the status bits described in
Section 4.5.2.5 confirm the current status of the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com