Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 22Page - Cirrus Logic CS47L35 Datasheet HTML 23Page - Cirrus Logic CS47L35 Datasheet HTML 24Page - Cirrus Logic CS47L35 Datasheet HTML 25Page - Cirrus Logic CS47L35 Datasheet HTML 26Page - Cirrus Logic CS47L35 Datasheet HTML 27Page - Cirrus Logic CS47L35 Datasheet HTML 28Page - Cirrus Logic CS47L35 Datasheet HTML 29Page - Cirrus Logic CS47L35 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 300 page
background image
26
DS1085F3
CS47L35
4 Functional Description
4 Functional Description
The CS47L35 is a highly integrated, low-power audio hub codec for mobile telephony and portable devices. It provides
flexible, high-performance audio interfacing for handheld devices in a small and cost-effective package. It also provides
exceptional levels of performance and signal-processing capability, suitable for a wide variety of mobile and handheld
devices.
4.1 Overview
The CS47L35 block diagram is shown in Fig. 4-1.
Figure 4-1. CS47L35 Block Diagram
The CS47L35 digital core provides an extensive capability for signal-processing algorithms, including transmit (TX) path
noise reduction, acoustic-echo cancelation (AEC), and other programmable filters. The DSPs are ideally suited to the
Cirrus Logic® SoundClear® suite of audio processing algorithms, such as the SoundClear Control always-on voice control
software.
The digital core provides signal-processing capability for sensor-hub functions. The integration of external sensors with
the programmable DSP enables increased contextual awareness in a variety of advanced user applications.
The CS47L35 digital core supports audio enhancements, such as dynamic range control (DRC) and multiband
compression (MBC). Highly flexible digital mixing, including stereo full-duplex isochronous sample-rate conversion,
provides use-case flexibility across a broad range of system architectures. A signal generator for controlling haptics vibe
actuators is included.
The CS47L35 provides multiple digital audio interfaces, including SLIMbus, to provide independent isochronous
connections to different processors (e.g., application processor, baseband processor, and wireless transceiver).
Digital Core
Programmable multicore DSP
Advanced multimic Tx noise reduction
Advanced multimic acoustic echo cancelation
Advanced always-on buffering
Trigger word detection and ASR assist
Speaker protection
Five-band equal izer (EQ)
Dynamic range control (DRC)
Low-pass/high-pass filter (LHPF)
Automatic sample-rate detection
Tone generator
Noise generator
PWM signal generator
Haptic control signal generator
Digital Audio
Interface AIF1
Digital Audio
Interface AIF2
Digital Audio
Interface AIF3
SPKOUTP
SPKOUTN
DAC
HPOUTL
HPOUTR
DAC
DAC
HPOUTFB1
LDO and
MICBIAS
Generators
Charge Pumps
MICBIAS1A
MICBIAS1B
Reference
Generator
AVDD
AGND
VREFC
GPSWN
General
Purpose
Switch
GPSWP
AEC (Echo Cancelation)
Loop-Back
RESET
IRQ
AIFnBCLK
AIFnLRCLK
MCLK2
MCLK1
SYSCLK
Clocking
Control
1 x FLL
SLIMCLK
SLIMbus
Interface
Control Interfaces (SPI, I2C)
Master Interface (I2C)
MICBIAS2A
MICBIAS2B
EPOUTP
EPOUTN
SPKCLK
SPKDAT
PDM
Driver
External
Accessory Detect
IN1BLN
IN1BLP
IN1ALN/DMICCLK1
IN1ALP
IN1BRN
IN1BRP
IN1ARN/DMICDAT1
IN1ARP
IN2LN/DMICCLK2
IN2LP
IN2RN/DMICDAT2
IN2RP
Input
Select
Input
Select
ADC
ADC
ADC
ADC
Digital Mic
Interface
Digital Mic
Interface
CS47L35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com