Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 31Page - Cirrus Logic CS47L35 Datasheet HTML 32Page - Cirrus Logic CS47L35 Datasheet HTML 33Page - Cirrus Logic CS47L35 Datasheet HTML 34Page - Cirrus Logic CS47L35 Datasheet HTML 35Page - Cirrus Logic CS47L35 Datasheet HTML 36Page - Cirrus Logic CS47L35 Datasheet HTML 37Page - Cirrus Logic CS47L35 Datasheet HTML 38Page - Cirrus Logic CS47L35 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 300 page
background image
DS1085F3
35
CS47L35
4.2 Input Signal Path
Input paths IN1 and IN2 can be configured as single-ended, differential, or DMIC configuration. The input signal path
configuration is selected using INn_MODE and INnx_SRC.
A configurable high-pass filter (HPF) is provided on the left and right channels of each input path. The applicable cut-off
frequency is selected using IN_HPF_CUT. The filter can be enabled on each path independently using the INnx_HPF bits.
The analog input signal paths (single-ended or differential) each incorporate a PGA to provide gain in the range 0 dB to
+31 dB in 1-dB steps. Note that these PGAs do not provide pop suppression functions; it is recommended that the gain
should not be adjusted while the respective signal path is enabled.
The analog input PGA gain is controlled using INnL_PGA_VOL and INnR_PGA_VOL. Note that separate volume control
is provided for the left and right channels of each stereo pair.
If the IN1 or IN2 input signal path is configured for DMIC input, the voltage reference for the associated input/output pins
is selectable using the INn_DMIC_SUP fields—each interface may be referenced to MICVDD, or to the MICBIAS1B,
MICBIAS2A, or MICBIAS2B levels. The voltage reference for each digital input path should be set equal to the applicable
power supply of the respective microphones.
When the input signal path is configured for DMIC input, the respective DMICCLKn frequency can be configured using the
INn_OSR bits.
A digital delay may be applied to any of the DMIC input channels. This feature can be used for phase adjustment of any
digital input, including directional control of multiple microphones. The delay is controlled using INnL_DMIC_DLY and
INnR_DMIC_DLY.
The MICVDD voltage is generated by an internal charge pump and LDO regulator. The MICBIASnx outputs are derived
from MICVDD; see Section 4.19.
The input signal paths are configured using the fields described in Table 4-3.
Table 4-3. Input Signal Path Configuration
Register Address
Bit
Label
Default
Description
R780 (0x030C)
HPF_Control
2:0 IN_HPF_
CUT[2:0]
010
Input Path HPF Select. Controls the cut-off frequency of the input path HPF circuits.
000 = 2.5 Hz
001 = 5 Hz
010 = 10 Hz
011 = 20 Hz
100 = 40 Hz
All other codes are reserved
R784 (0x0310)
IN1L_Control
15
IN1L_HPF
0
Input Path 1 (Left) HPF Enable
0 = Disabled
1 = Enabled
12:11 IN1_DMIC_
SUP[1:0]
00
Input Path 1 DMIC Reference Select (sets the DMICDAT1 and DMICCLK1 logic levels)
00 = MICVDD
01 = MICBIAS1B
10 = MICBIAS2A
11 = MICBIAS2B
10
IN1_MODE
00
Input Path 1 Mode
0 = Analog input
1 = Digital input
7:1 IN1L_PGA_
VOL[6:0]
0x40 Input Path 1 (Left) PGA Volume (applicable to analog inputs only)
0x00 to 0x3F = Reserved
0x40 = 0 dB
0x41 = 1 dB
0x42 = 2 dB
… (1-dB steps)
0x5F = 31 dB
0x60 to 0x7F = Reserved
R785 (0x0311)
ADC_Digital_
Volume_1L
14:13 IN1L_
SRC[1:0]
00
Input Path 1 (Left) Source
00 = Differential (IN1ALP–IN1ALN)
01 = Single-ended (IN1ALP)
10 = Differential (IN1BP–IN1BN)
11 = Single-ended (IN1BP)
R786 (0x0312)
DMIC1L_Control
10:8 IN1_
OSR[2:0]
101
Input Path 1 DMIC Oversample Rate (applicable to digital inputs only).
000 = Reserved
001 = Reserved
010 = 384 kHz
011 = 768 kHz
100 = 1.536 MHz
101 = 3.072 MHz
110 = 6.144 MHz
111 = Reserved
If IN1_OSR=010 or 011, the maximum Input Path sample rate (all input paths) is 48 kHz or
96 kHz respectively.
5:0 IN1L_
DMIC_
DLY[5:0]
0x00 Input Path 1 (Left) Digital Delay (applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN1_OSR.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com