Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 88 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 88 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 84Page - Cirrus Logic CS47L35 Datasheet HTML 85Page - Cirrus Logic CS47L35 Datasheet HTML 86Page - Cirrus Logic CS47L35 Datasheet HTML 87Page - Cirrus Logic CS47L35 Datasheet HTML 88Page - Cirrus Logic CS47L35 Datasheet HTML 89Page - Cirrus Logic CS47L35 Datasheet HTML 90Page - Cirrus Logic CS47L35 Datasheet HTML 91Page - Cirrus Logic CS47L35 Datasheet HTML 92Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 300 page
background image
88
DS1085F3
CS47L35
4.5 DSP Peripheral Control
The virtual DSP registers are defined at register addresses R4096–R4192 (0x1000–0x1060) in the device register map.
Note that these registers cannot be accessed directly at the addresses shown; they can be only accessed through DSP
firmware code, using the register window function shown in Fig. 4-28. The virtual DSP registers are located at address
0xD000 in the X-data memory map.
4.5 DSP Peripheral Control
The CS47L35 incorporates a suite of DSP peripheral functions that can be integrated together to support the sensor-hub
capability. A master I2C interface is provided for external sensor connectivity. Configurable event log functions provide
multichannel monitoring of internal and external signals. The general-purpose timers provide time-stamp data for the event
logs and support watchdog and other miscellaneous time-based functions. Maskable GPIO provides an efficient
mechanism for multiple DSPs to access the respective input and output signals.
The DSP peripherals are designed to provide a comprehensive sensor-hub capability, operating with a high degree of
autonomy from the host processor.
4.5.1
Master Interface (MIF)
The CS47L35 incorporates an I2C master interface, offering a flexible capability for additional sensor/accessory input.
4.5.1.1 Overview
The master interface (MIF1) can support single- and multiple-master I2C operation up to 1 MHz. The master interface
supports 7- and 10-bit slave addressing modes. Master device arbitration algorithms are implemented, in accordance with
the standard I2C protocol. A watchdog timer is provided for detecting interface error conditions.
The master interface is ideally suited for connection to external sensors such as accelerometers, gyroscopes, and
magnetometers for motion-sensing and navigation applications. Other example accessories include barometers, and
ambient light sensors, for environmental awareness. Flow-control bits for the TX and RX data buffers enable easy
integration with external devices and with internal DSP functions.
4.5.1.2 Clocking Configuration
Clocking for the master interface is derived from DSPCLK, which must be enabled and present when using the MIF
function. Standard I2C bus rates can be supported for typical DSPCLK frequencies using the register settings described
in Table 4-29.
The DSPCLK system clock must be configured and enabled before a Master Interface transaction is scheduled. The
Master Interfaces should be kept idle if DSPCLK is not enabled. See Section 4.16 for details of the system clocks
(including requirements for reconfiguring DSPCLK while DSP peripherals are enabled).
4.5.1.3 Transmit and Receive Data Buffers
The transmit (master write) and receive (master read) actions are each supported by 16-byte data buffers, allowing I2C
transfers of up to 2,097,152 data bytes (2 MB). The number of data bytes transferred in each I2C operation is selected
using MIF1_TX_LENGTH or MIF1_RX_LENGTH.
Table 4-29. Master Interface Clock Configuration
Register Address
Condition
Value
R262144 (0x40000)
—
0x0000_0006
R262208 (0x40040)
—
0x0000_0000
R262210 (0x40042)
10 kHz I2C Mode
0x01CC_01CC
100 kHz I2C Mode
0x002E_002E
400 kHz I2C Mode
0x000C_000C
1MHz I2C Mode
0x0005_0005
Note: It is assumed that the DSPCLK frequency is one of the nominal (typical) frequencies
specified in Table 4-93.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com