Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 12Page - Cirrus Logic CS47L35 Datasheet HTML 13Page - Cirrus Logic CS47L35 Datasheet HTML 14Page - Cirrus Logic CS47L35 Datasheet HTML 15Page - Cirrus Logic CS47L35 Datasheet HTML 16Page - Cirrus Logic CS47L35 Datasheet HTML 17Page - Cirrus Logic CS47L35 Datasheet HTML 18Page - Cirrus Logic CS47L35 Datasheet HTML 19Page - Cirrus Logic CS47L35 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 300 page
background image
16
DS1085F3
CS47L35
3 Characteristics and Specifications
Table 3-11. Miscellaneous Characteristics
Test conditions (unless specified otherwise): DBVDD1 = DBVDD2 = CPVDD1 = AVDD = 1.8 V, DCVDD = FLLVDD = CPVDD2 = 1.2 V; MICVDD = 2.5 V
(powered from internal LDO); SPKVDD = 4.2 V; TA = +25ºC; 1 kHz sinusoid signal; Fs = 48 kHz; PGA gain = 0 dB, 24-bit audio data.
Parameter
Min
Typ
Max
Units
Microphone bias
(MICBIAS1A,
MICBIAS1B,
MICBIAS2A,
MICBIAS2B) 1
1.No capacitor on MICBIASn. In Regulator Mode, it is required that VMICVDD – VMICBIAS > 200 mV.
Minimum Bias Voltage 2
Maximum Bias Voltage
Bias Voltage output step size
Bias Voltage accuracy
2.Regulator Mode (MICBn_BYPASS = 0), Load current  1.0 mA.
—
—
—
–5%
1.5
2.8
0.1
—
—
—
—
+5%
V
V
V
V
Bias Current 3
3.Bias current and load capacitance specifications are per MICBIAS generator (MICBIAS1 or MICBIAS2).
Regulator Mode (MICBn_BYPASS = 0), VMICVDD – VMICBIAS >200 mV
Bypass Mode (MICBn_BYPASS = 1)
—
—
—
—
2.4
5.0
mA
mA
Output Noise Density
Regulator Mode (MICBn_BYPASS = 0), MICBn_LVL = 0x4,
Load current = 1 mA, Measured at 1 kHz
—45
—
nV/
Hz
Integrated noise voltage
Regulator Mode (MICBn_BYPASS = 0), MICBn_LVL = 0x4,
Load current = 1 mA, 100 Hz to 7 kHz, A-weighted
—4
—
VRMS
PSRR (DBVDDn, CPVDD1, AVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
105
85
—
—
dB
dB
PSRR (DCVDD, FLLVDD, CPVDD2), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
110
90
—
—
dB
dB
PSRR (SPKVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
105
90
—
—
dB
dB
Load capacitance 3
Regulator Mode (MICBn_BYPASS = 0), MICBn_EXT_CAP = 0
Regulator Mode (MICBn_BYPASS = 0), MICBn_EXT_CAP = 1
—
0.1
—
1.0
50
10
pF
F
Output discharge resistance
MICBnx_ENA = 0, MICBnx_DISCH = 1
—
2
—
k
General-purpose
switch 4
4.The GPSWN pin voltage must not exceed GPSWP + 0.3 V. See Table 3-2 for voltage limits applicable to the GPSWP and GPSWN pins.
Switch resistance
Switch closed, I = 1 mA
Switch open
—
—
25
100
40
—
M
External
Accessory
Detect
Load impedance detection range:
Detection via HPDETL (ACCDET_MODE = 001)
or HPDETR (ACCDET_MODE = 010)
HP_IMPEDANCE_RANGE = 00
HP_IMPEDANCE_RANGE = 01
HP_IMPEDANCE_RANGE = 10
HP_IMPEDANCE_RANGE = 11
4
8
100
1000
—
—
—
—
30
100
1000
10000
Load impedance detection range:
Detection via MICDET1 or MICDET2 pin (ACCDET_MODE = 100)
400
—
6000
Load impedance detection accuracy
(HP_DACVAL, ACCDET_MODE = 001 or 010)
HP_IMPEDANCE_RANGE = 01 or 10
HP_IMPEDANCE_RANGE = 00 or 11
–5
–10
—
—
+5
+10
%
%
Load impedance detection accuracy (HP_LVL, ACCDET_MODE = 001, 010, or 100)
–20
—
+20
%
Load impedance detection range—Detection via MICDET1 or
MICDET2 pin (ACCDET_MODE = 000); 2.2 k
 (±2%) MICBIAS
resistor. 5
5.These characteristics assume no other component is connected to MICDETn.
for MICD_LVL[0] = 1
for MICD_LVL[1] = 1
for MICD_LVL[2] = 1
for MICD_LVL[3] = 1
for MICD_LVL[8] = 1
0
110
210
360
1000
—
—
—
—
—
70
180
290
680
30000
Jack-detection input threshold voltage
(JACKDETn)
Detection on JACKDET1, Jack insertion
Detection on JACKDET1, Jack removal
Detection on JACKDET2, Jack insertion
Detection on JACKDET2, Jack removal
—
—
—
—
0.9
1.65
0.27
0.9
—
—
—
—
V
V
V
V
Pull-up resistance (JACKDETn)—
1
—
M
MICVDD Charge
Pump and
Regulator (CP2
and LDO2)
Output voltage
0.9
2.7
3.3
V
Programmable output voltage step size
LDO2_VSEL = 0x00–0x14 (0.9–1.4V )
LDO2_VSEL = 0x14 to 0x27 (1.4 V–3.3 V)
—
—
25
100
—
—
mV
mV
Maximum output current
—
8
—
mA
Start-up time
4.7
F on MICVDD —
1.5
2.5
ms
Frequency-Lock
ed Loop (FLL1)
Output frequency
FLL output as SYSCLK source
FLL output as DSPCLK source
90
135
—
—
98.3
150
MHz
MHz
Lock Time
FREF =32kHz, FOUT (DSPCLK source) = 147.456 MHz
FREF =12MHz, FOUT (DSPCLK source) = 147.456 MHz
—
—
10
1
—
—
ms
ms
RESET pin input RESET input pulse width 6
6.To trigger a hardware reset, the RESET input must be asserted for longer than this duration.
1—
—
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com