Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 11Page - Cirrus Logic CS47L35 Datasheet HTML 12Page - Cirrus Logic CS47L35 Datasheet HTML 13Page - Cirrus Logic CS47L35 Datasheet HTML 14Page - Cirrus Logic CS47L35 Datasheet HTML 15Page - Cirrus Logic CS47L35 Datasheet HTML 16Page - Cirrus Logic CS47L35 Datasheet HTML 17Page - Cirrus Logic CS47L35 Datasheet HTML 18Page - Cirrus Logic CS47L35 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 300 page
background image
15
DS1085F3
CS47L35
3 Characteristics and Specifications
DAC to speaker output
(SPKOUTP+SPKOUTN,
Load = 4
, 15 H, BTL)
Maximum output power
SPKVDD = 5.0 V, 1% THD+N
SPKVDD = 4.2 V, 1% THD+N
SPKVDD = 3.6 V, 1% THD+N
—
—
—
2.7
1.9
1.4
—
—
—
W
W
W
SNR, defined in Table 3-1
A-weighted, output signal = 2.83 VRMS —
127
—
dB
Dynamic range, defined in Table 3-1
A-weighted, –60 dBFS input —
102
—
dB
THD, defined in Table 3-1
PO = 1.0 W —
–71
—
dB
THD+N, defined in Table 3-1
PO = 1.0 W —
–70
—
dB
THD, defined in Table 3-1
PO = 0.5 W —
–71
—
dB
THD+N, defined in Table 3-1
PO = 0.5 W —
–70
—
dB
Output noise floor
A-weighted —
1.3
—
VRMS
PSRR (DBVDDn, CPVDD1, AVDD),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
125
90
—
—
dB
dB
PSRR (DCVDD, FLLVDD, CPVDD2),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
125
105
—
—
dB
dB
PSRR (SPKVDD),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
120
90
—
—
dB
dB
Table 3-10. Digital Input/Output
The following electrical characteristics are valid across the full range of recommended operating conditions.
Parameter
Minimum
Typical
Maximum
Units
Digital I/O (except
DMICDAT1/2 and
DMICCLK1/2) 1,3
1.Digital I/O is referenced to DBVDD1 or DBVDD2.
Input HIGH level
VDBVDDn = 1.71–1.98 V
VDBVDDn = 2.5 V ±10%
VDBVDDn = 3.3 V ±10%
0.75
DBVDDn
0.8
DBVDDn
0.7
DBVDDn
—
—
—
—
—
—
V
V
V
Input LOW level
VDBVDDn = 1.71–1.98 V
VDBVDDn = 2.5 V ±10%
VDBVDDn = 3.3 V ±10%
—
—
—
—
—
—
0.3
DBVDDn
0.25
DBVDDn
0.2
DBVDDn
V
V
V
Output HIGH level
(IOH = 1 mA)
VDBVDDn = 1.71–1.98 V
VDBVDDn = 2.5 V ±10%
VDBVDDn = 3.3 V ±10%
0.75
DBVDDn
0.65
DBVDDn
0.7
DBVDDn
—
—
—
—
—
—
V
V
V
Output LOW level
(IOL = 1mA)
VDBVDDn = 1.71–1.98 V
VDBVDDn = 2.5 V ±10%
VDBVDDn = 3.3 V ±10%
—
—
—
—
—
—
0.25
DBVDDn
0.3
DBVDDn
0.15
DBVDDn
V
V
V
Input capacitance
—
—
5
pF
Input leakage
–1
—
1
A
Pull-up/pull-down resistance (where applicable)
35
—
55
k
DMIC I/O
(DMICDAT1/2 and
DMICCLK1/2) 2,3
2.DMICDAT1/2 and DMICCLK1/2 are referenced to a selectable supply, VSUP, according to the INn_DMIC_SUP fields.
3.Note that digital input pins should not be left unconnected or floating.
DMICDATn input HIGH Level
0.65
 VSUP
——
V
DMICDATn input LOW Level
—
—
0.35
 VSUP
V
DMICCLKn output HIGH Level
IOH = 1 mA
0.8
 VSUP
——
V
DMICCLKn output LOW Level
IOL = –1 mA
—
0.2
 VSUP
V
Input capacitance
—
25
pF
Input leakage
–1
—
1
A
GPIOn
Clock output frequency
GPIO pin as OPCLK or FLL output
—
—
50
MHz
Table 3-9. Input/Output Path Characteristics (Cont.)
Test conditions (unless specified otherwise): DBVDD1 = DBVDD2 = CPVDD1 = AVDD = 1.8 V, DCVDD = FLLVDD = CPVDD2 = 1.2 V; MICVDD = 2.5 V
(powered from internal LDO); SPKVDD = 4.2 V; TA = +25ºC; 1 kHz sinusoid signal; Fs = 48 kHz; PGA gain = 0 dB, 24-bit audio data.
Parameter
Min Typ Max Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com