Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 61Page - Cirrus Logic CS47L35 Datasheet HTML 62Page - Cirrus Logic CS47L35 Datasheet HTML 63Page - Cirrus Logic CS47L35 Datasheet HTML 64Page - Cirrus Logic CS47L35 Datasheet HTML 65Page - Cirrus Logic CS47L35 Datasheet HTML 66Page - Cirrus Logic CS47L35 Datasheet HTML 67Page - Cirrus Logic CS47L35 Datasheet HTML 68Page - Cirrus Logic CS47L35 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 300 page
background image
DS1085F3
65
CS47L35
4.3 Digital Core
4.3.10 Noise Generator
The CS47L35 incorporates a white-noise generator that can be routed within the digital core. The main purpose of the
noise generator is to provide comfort noise in cases where silence (digital mute) is not desirable.
Figure 4-23. Digital-Core Noise Generator
The noise generator can be selected as input to any of the digital mixers or signal-processing functions within the CS47L35
digital core. The hexadecimal number (0x0D) in Fig. 4-23 indicates the corresponding x_SRCn setting for selection of the
noise generator as an input to another digital-core function.
The sample rate for the noise generator is configured using the NOISE_GEN_RATE field. See Table 4-21. Note that
sample-rate conversion is required when routing the noise generator output to any signal chain that is configured for a
different sample rate.
The noise generator is enabled by setting NOISE_GEN_ENA, described in Table 4-18. The signal level is configured using
NOISE_GEN_GAIN.
SYSCLK must be present and enabled before setting NOISE_GEN_ENA. The noise generator should be kept disabled
(NOISE_GEN_ENA = 0) if SYSCLK is not enabled. See Section 4.16.4 for further details (including requirements for
reconfiguring SYSCLK while digital core functions are enabled).
R34 (0x0022)
Tone_Generator_3
7:0 TONE1_
LVL[7:0]
0x00 Tone Generator 1 DC output level
TONE1_LVL[23:8] is coded as 2’s complement. Bits [23:20] contain the integer portion; bits
[19:0] contain the fractional portion.
The digital core 0 dBFS level corresponds to 0x10_0000 (+1) or 0xF0_0000 (–1).
R35 (0x0023)
Tone_Generator_4
15:0 TONE2_
LVL[23:8]
0x1000 Tone Generator 2 DC output level
TONE2_LVL[23:8] is coded as 2’s complement. Bits [23:20] contain the integer portion; bits
[19:0] contain the fractional portion.
The digital core 0 dBFS level corresponds to 0x10_0000 (+1) or 0xF0_0000 (–1).
R36 (0x0024)
Tone_Generator_5
7:0 TONE2_
LVL[7:0]
0x00 Tone Generator 2 DC output level
TONE2_LVL[23:8] is coded as 2’s complement. Bits [23:20] contain the integer portion; bits
[19:0] contain the fractional portion.
The digital core 0 dBFS level corresponds to 0x10_0000 (+1) or 0xF0_0000 (–1).
Table 4-18. Noise Generator Control
Register Address
Bit
Label
Default
Description
R160 (0x00A0)
Comfort_Noise_
Generator
5
NOISE_GEN_
ENA
0
Noise Generator Enable
0 = Disabled
1 = Enabled
4:0
NOISE_GEN_
GAIN[4:0]
0x00
Noise generator signal level
0x00 = –114 dBFS
0x01 = –108 dBFS
0x02 = –102 dBFS
…(6-dB steps)
0x11 = –6 dBFS
0x12 = 0 dBFS
All other codes are reserved
Table 4-17. Tone Generator Control (Cont.)
Register Address Bit
Label
Default
Description
Noise Generator (0x0D)
White Noise
Generator
NOISE_GEN_ENA
NOISE_GEN_GAIN
NOISE_GEN_RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com