Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 102 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 102 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 98Page - Cirrus Logic CS47L35 Datasheet HTML 99Page - Cirrus Logic CS47L35 Datasheet HTML 100Page - Cirrus Logic CS47L35 Datasheet HTML 101Page - Cirrus Logic CS47L35 Datasheet HTML 102Page - Cirrus Logic CS47L35 Datasheet HTML 103Page - Cirrus Logic CS47L35 Datasheet HTML 104Page - Cirrus Logic CS47L35 Datasheet HTML 105Page - Cirrus Logic CS47L35 Datasheet HTML 106Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 300 page
background image
102
DS1085F3
CS47L35
4.5 DSP Peripheral Control
The maximum count value of the timer is determined by the TIMERn_MAX_COUNT field. This is the final count value
(when counting up), or the initial count value (when counting down). The current value of the timer counter can be read
from the TIMERn_CUR_COUNT field.
The timer is started by writing 1 to TIMERn_START. Note that, if the timer is already running, it restarts from its initial value.
The timer is stopped by writing 1 to TIMERn_STOP. The count direction (up or down) is selected using the TIMERn_DIR
bit.
The TIMERn_CONTINUOUS bit selects whether the timer automatically restarts after the end-of-count condition has been
reached. The TIMERn_RUNNING_STS indicates whether the timer is running, or if it has stopped.
Note that the timers should be stopped before making any changes to the respective configuration registers. The timer
configuration should only be changed when TIMERn_RUNNING_STS = 0.
The reference clock for each Timer should be configured and enabled before starting the Timer, and whenever the Timer
is running. If the reference clock is interrupted while the Timer is running, the Timer operation pauses, and resumes again
when the clock restarts. See Section 4.16 for details of the system clocks (including requirements for reconfiguring
DSPCLK while DSP peripherals are enabled).
4.5.3.3 Interrupts, GPIO, and Class D Speaker Driver Control
The timer status is an input to the interrupt control circuit and can be used to trigger an interrupt event after the final count
value is reached; see Section 4.15. Note that the interrupt does not occur immediately when the final count value is
reached; the interrupt is triggered at the point when the next update to the timer count value would be due.
The timer status can be output directly on a GPIO pin as an external indication of the timer activity. See Section 4.14 to
configure a GPIO pin for this function.
The timers can be used as a watchdog function to trigger a shutdown of the Class D speaker drivers. See Section 4.21 to
configure this function.
4.5.3.4 Timer Block Diagram and Control Registers
The timer block is shown in Fig. 4-32.
Figure 4-32. General-Purpose Timer
The timer control registers are described in Table 4-33.
f = TIMERn
count rate
If DSPCLK is enabled, and a clock
source other than DSPCLK is selected,
f ≤ DSPCLK/3, f ≤ 12MHz
Divider
TIMERn_REFCLK_DIV
Divide by 1, 2, 4, 8 … 64
except DSPCLK
Divider
TIMERn_PRESCALE
Divide by 1, 2, 4, 8 … 128
Divider
TIMERn_REFCLK_FREQ_SEL
DSPCLK / SYSCLK only
TIMERn_REFCLK_SRC
DSPCLK
32k Clock
MCLK1
MCLK2
SYSCLK
GPIO2
GPIO9
GPIO13
GPIO16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com