Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 244 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 244 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 240Page - Cirrus Logic CS47L35 Datasheet HTML 241Page - Cirrus Logic CS47L35 Datasheet HTML 242Page - Cirrus Logic CS47L35 Datasheet HTML 243Page - Cirrus Logic CS47L35 Datasheet HTML 244Page - Cirrus Logic CS47L35 Datasheet HTML 245Page - Cirrus Logic CS47L35 Datasheet HTML 246Page - Cirrus Logic CS47L35 Datasheet HTML 247Page - Cirrus Logic CS47L35 Datasheet HTML 248Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 300 page
background image
244
DS1085F3
CS47L35
6 Register Map
Table 6-1. Register Map Definition—16-bit region
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default
R0
(0h)
Software_Reset
SW_RST_DEV_ID [15:0]
6360h
R1
(1h)
Hardware_Revision
0
0
0
0
0
0
0
0
HW_REVISION [7:0]
0000h
R2
(2h)
Software_Revision
00
000
000
SW_REVISION [7:0]
0000h
R8
(8h)
Ctrl_IF_CFG_1
00
000
01
CIF1MISO
_DRV_
STR
CIF1MISO
_PD
0
001
000
0308h
R9
(9h)
Ctrl_IF_CFG_2
00
000
0
CIF2SDA_
DRV_STR
0
0
0
000
000
0200h
R22
(16h)
Write_Sequencer_Ctrl_0
00
00
WSEQ_
ABORT
WSEQ_
START
WSEQ_
ENA
WSEQ_START_INDEX [8:0]
0000h
R23
(17h)
Write_Sequencer_Ctrl_1
00
000
0
WSEQ_
BUSY
WSEQ_CURRENT_INDEX [8:0]
0000h
R24
(18h)
Write_Sequencer_Ctrl_2
00
000
000
00
000
0
WSEQ_
BOOT_
START
WSEQ_
LOAD_
MEM
0000h
R32
(20h)
Tone_Generator_1
0
TONE_RATE [3:0]
0
TONE_OFFSET [1:0]
0
0
TONE2_
OVD
TONE1_
OVD
00
TONE2_
ENA
TONE1_
ENA
0000h
R33
(21h)
Tone_Generator_2
TONE1_LVL [23:8]
1000h
R34
(22h)
Tone_Generator_3
00
000
000
TONE1_LVL [7:0]
0000h
R35
(23h)
Tone_Generator_4
TONE2_LVL [23:8]
1000h
R36
(24h)
Tone_Generator_5
00
000
000
TONE2_LVL [7:0]
0000h
R48
(30h)
PWM_Drive_1
0
PWM_RATE [3:0]
PWM_CLK_SEL [2:0]
0
0
PWM2_
OVD
PWM1_
OVD
00
PWM2_
ENA
PWM1_
ENA
0000h
R49
(31h)
PWM_Drive_2
00
000
0
PWM1_LVL [9:0]
0100h
R50
(32h)
PWM_Drive_3
00
000
0
PWM2_LVL [9:0]
0100h
R65
(41h)
Sequence_Control
00
000
000
WSEQ_
ENA_
MICD_
CLAMP_
FALL
WSEQ_
ENA_
MICD_
CLAMP_
RISE
000
000
0000h
R66
(42h)
Spare_Triggers
WSEQ_
TRG16
WSEQ_
TRG15
WSEQ_
TRG14
WSEQ_
TRG13
WSEQ_
TRG12
WSEQ_
TRG11
WSEQ_
TRG10
WSEQ_
TRG9
WSEQ_
TRG8
WSEQ_
TRG7
WSEQ_
TRG6
WSEQ_
TRG5
WSEQ_
TRG4
WSEQ_
TRG3
WSEQ_
TRG2
WSEQ_
TRG1
0000h
R75
(4Bh)
Spare_Sequence_
Select_1
00
000
00
WSEQ_TRG1_INDEX [8:0]
01FFh
R76
(4Ch)
Spare_Sequence_
Select_2
00
000
00
WSEQ_TRG2_INDEX [8:0]
01FFh
R77
(4Dh)
Spare_Sequence_
Select_3
00
000
00
WSEQ_TRG3_INDEX [8:0]
01FFh
R78
(4Eh)
Spare_Sequence_
Select_4
00
000
00
WSEQ_TRG4_INDEX [8:0]
01FFh
R79
(4Fh)
Spare_Sequence_
Select_5
00
000
00
WSEQ_TRG5_INDEX [8:0]
01FFh
R80
(50h)
Spare_Sequence_
Select_6
00
000
00
WSEQ_TRG6_INDEX [8:0]
01FFh
R89
(59h)
Spare_Sequence_
Select_7
00
000
00
WSEQ_TRG7_INDEX [8:0]
01FFh
R90
(5Ah)
Spare_Sequence_
Select_8
00
000
00
WSEQ_TRG8_INDEX [8:0]
01FFh
R91
(5Bh)
Spare_Sequence_
Select_9
00
000
00
WSEQ_TRG9_INDEX [8:0]
01FFh
R92
(5Ch)
Spare_Sequence_
Select_10
00
000
00
WSEQ_TRG10_INDEX [8:0]
01FFh
R93
(5Dh)
Spare_Sequence_
Select_11
00
000
00
WSEQ_TRG11_INDEX [8:0]
01FFh
R94
(5Eh)
Spare_Sequence_
Select_12
00
000
00
WSEQ_TRG12_INDEX [8:0]
01FFh
R97
(61h)
Sample_Rate_
Sequence_Select_1
0
0
0
0
0
0
0
WSEQ_SAMPLE_RATE_DETECT_A_INDEX [8:0]
01FFh
R98
(62h)
Sample_Rate_
Sequence_Select_2
0
0
0
0
0
0
0
WSEQ_SAMPLE_RATE_DETECT_B_INDEX [8:0]
01FFh
R99
(63h)
Sample_Rate_
Sequence_Select_3
0
0
0
0
0
0
0
WSEQ_SAMPLE_RATE_DETECT_C_INDEX [8:0]
01FFh
R100
(64h)
Sample_Rate_
Sequence_Select_4
0
0
0
0
0
0
0
WSEQ_SAMPLE_RATE_DETECT_D_INDEX [8:0]
01FFh
R102
(66h)
Always_On_Triggers_
Sequence_Select_1
0
0
0
0
0
0
0
WSEQ_MICD_CLAMP_RISE_INDEX [8:0]
01FFh
R103
(67h)
Always_On_Triggers_
Sequence_Select_2
0
0
0
0
0
0
0
WSEQ_MICD_CLAMP_FALL_INDEX [8:0]
01FFh
R104
(68h)
Spare_Sequence_
Select_13
00
000
00
WSEQ_TRG13_INDEX [8:0]
01FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com