Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 34 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 34 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 38Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
34
www.emmicroelectronic.com
b'3210
Read/Write_bits
SVLD
6C
108
0000
0: VLC0
1: VLC1
2: -
3: -
0: VLC0
1: VLC1
2: busy
3: VLDR
voltage level
detector control
CIRQD
6D
109
0000
0: INTEN
1: DebCK
2: 0
3: 0
global interrupt enable
debouncer clock
IRQ Comp Bit
IRQ Comp Mask
Index LOW
6E
110
xxxx
internally used for INDEX
register
Index HIGH
6F
111
xxxx
internally used for INDEX
register
IntRq
70
112
0000
0: -
1: -
2: SLEEP
3: -
0: INTPA
1: INTPC
2: INTTE
3: INTPR
interrupt requests
sleep mode
WD
71
113
0000
0: -
1: -
2: SLmask
3: WDrst
0: WD0
1: WD1
2: SLmask
3: 0
WatchDog timer control
and SLEEP mask
PortA
72
114
xxxx
0: PA0
1: PA1
2: PA2
3: PA3
Port A status
IRQpA
73
115
0000
0: IRQpa0
1: IRQpa1
2: IRQpa2
3: IRQpa3
Port A interrupt request
MPortA
74
116
0000
0: MPA0
1: MPA1
2: MPA2
3: MPA3
Port A mask
PortB
75
117
xxxx
0: PB0
1: PB1
2: PB2
3: PB3
Port B Input/Output
CIOportB
76
118
0000
0: CIOPB0
1: CIOPB1
2: CIOPB2
3: CIOPB3
Port B Input/Output individual
control
PortC
77
119
xxxx
0: PC0
1: PC1
2: PC2
3: PC3
Port C Input/Output
IRQpC
78
120
0000
0: IRQpc0
1: IRQpc1
2: IRQpc2
3: IRQpc3
Port C interrupt request
MPortC
79
121
0000
0: MPC0
1: MPC1
2: MPC2
3: MPC3
Port C mask
PortD
7A
122
xxxx
0: PD0
1: PD1
2: PD2
3: PD3
Port D Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com