Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 15 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 15 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 19Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
15
www.emmicroelectronic.com
7.2
PortB
Port B is a 4-bit general-purpose I/O port. Outputs on this port are high current outputs. Each bit PB(0:3) can be separately
configured by software to be either input or output by writing to the corresponding bit of the CIOPortB control register. The
PortB register is used to read data when in input mode and to write data when in output mode. On each terminal controlled
Pull-Up/Down resistor can be selected by metal option, which are active only when selected as input. Special case is when
we want to use internal Strong Pull-Up resistor also when PortB terminal is declared as N-channel open drain output and
internal Pull-Up resistor is used to pull up the output (not-controlled Pull-Up). This is a special option “sod” = strong Pull-Up
for Open drain- active all the time (when terminal is input or output).
Writing 0 to the corresponding bit in the CIOPortB register sets input mode. This results in a high impedance state with the
status of the pin being read from register PortB. Writing 1 to the corresponding bit in the CIOPortB register sets output
mode. Consequently the output terminal follows the status of the bits in the PortB register. At initial RESET the CIOPortB
register is set to 0, thus setting the port to input. Additionally, PB0 can also be used as a three-tone buzzer output. For
details see section 7, Buzzer.
7.2.1
PortB registers
Table 16.
PortB input/output status register - PortB
Bit
Name
Reset
R/W
Description
3
PB3
-
R/W
PB3 I/O data
2
PB2
-
R /W
PB2 I/O data
1
PB1
-
R/W
PB1 I/O data
0
PB0
-
R /W
PB0 I/O data
Table 17.
PortB Input/Output control register - CIOportB
Bit
Name
Reset
R/W
Description
3
CIOPB3
0
R/W
PB3 Input/Output select
2
CIOPB2
0
R/W
PB2 Input/Output select
1
CIOPB1
0
R/W
PB1 Input/Output select
0
CIOPB0
0
R/W
PB0 Input/Output select
PB[3:0]
Vdd
2Y
2N
Mask
option
Mask
option
0
Mask
option
1
Mask
option
3Y
3N
Mask
option
Mask
option
Sleep
PortB RD
PG
NG
OE
D
Port B
CIOportB
OEBsleepRes
Figure 8.
Port B
If metal mask option 3Y (Input blocked when Output) is used and port is declared as Output (CIOPortB = 1111b) the real
port information cannot be read directly. In this case no direct logic operations (like AND PortB) on Output ports are
possible. This logic operation can be made with an image of the Port saved in the RAM which we store after on the output
port. This is valid for PortB, PortC and PortD when declared as output and the metal Option 3Y is used. In the case of metal
option 3N selected direct logic operations on output ports are possible.
If OEBsleepRes bit in Option2 register is set to “1” (Output Hi-Z in SLEEP mode) the active Output will go tri-state when
the circuit goes into SLEEP mode. In the case of OEBsleepRes at “0”, output stays active also in the SLEEP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com