Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 17 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 17 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 21Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
17
www.emmicroelectronic.com
PC[3:0]
Vdd
2Y
2N
Mask
option
Mask
option
0
Mask
option
1
Mask
option
3Y
3N
Mask
option
Mask
option
Sleep
PortC RD
PG
NG
OE
D
Port C
CIOPC
OECsleepRes
DebCK
Debouncer
Interrupt
Request
IRQpC
IRQedgeR
1
0
1
0
debPCN
Figure 9.
Port C
If OECsleepRes bit in Option2 register is set to “1” (=6Y (Output Hi-Z in SLEEP mode)) the active Output will go tri-state when the
circuit goes into SLEEP mode. In the case of 6N - OECsleepRes at “0”, output stay active also in the SLEEP mode.
Table 22.
Option2 register - Option2
Bit
Name
Reset
R/W
Description
3
OEDsleepRes
0
W
PortD Output Enable reset by Sleep mode
2
OECsleepRes
0
W
PortC Output Enable reset by Sleep mode
1
OEBsleepRes
0
W
PortB Output Enable reset by Sleep mode
0
BuzzerPE0
0
W
Buzzer on PE0 if 1, on PB0 if 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com