Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
4.3
Input port (PA0..PA3) RESET
With a mask option it is possible to choose from eleven PortA reset combinations. The selected ports must be simultaneously
high for at least 2ms/16ms (CLK = 32kHz) due to the presence of debouncers. Note also, that RESET with port A is not
possible during SLEEP mode.
Below are the combinations of Port A (PA0..PA3) inputs, which can be used to generate a RESET. They can be selected by
metal « PortA RESET » mask option, described in chapter 14.
Table 4.
PortA Inputs RESET options
(metal Hardware option)
Function
Opt. Code
NO inputs RESET
rstpa_no
RESET = PA0 AND PA1
rstpa_3h
RESET = PA0 AND PA2
rstpa_5h
RESET = PA1 AND PA2
rstpa_6h
RESET = PA0 AND PA1 AND PA2
rstpa_7h
RESET = PA0 AND PA3
rstpa_9h
RESET = PA1 AND PA3
rstpa_ah
RESET = PA0 AND PA1 AND PA3
rstpa_bh
RESET = PA2 AND PA3
rstpa_ch
RESET = PA0 AND PA2 AND PA3
rstpa_dh
RESET = PA1 AND PA2 AND PA3
rstpa_eh
RESET = PA0 AND PA1 AND PA2 AND PA3
rstpa_fh
4.4
Watchdog Timer RESET
The Watchdog Timer RESET is a software option and if used it will generate a RESET if it is not cleared. See section 5.
Watchdog timer for details.
Table 5.
Watchdog-Timer Option
(software option)
Watchdog Function
NoWD
bit in Option register
Without Watchdog Time-out reset
1
With Watchdog Time-out reset
0
4.5
Software Power-On-Reset
This is software generation of POR, which can be used mainly to reset the circuit and start again the Power-Check function if
enabled to be sure that VDD supply is high enough when circuit will start to work again due to increased VDD.
When VDD starts to decrease due to any reason and software by periodically testing the VDD min by SVLD function detects this,
user can generate POR at VDD min and like that the circuit will go in Reset until Power-Check level is satisfied again to
guarantee the proper circuit operation, not to fall in a grey zone below VDD min until Static POR does it job at typ. 0.9V.
Table 6.
Software Power-On-Reset
Software POR function
SoftPOR
in RegSoftPOR register
Software POR start
1
No Software POR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com