Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
Active
Halt
instruction
Sleep bit
write
IRQ
Standby
Sleep
Reset=1
Reset=0
Reset=1
Reset=1
Reset
2
Operating modes
The EM6607 has two low power dissipation modes: STANDBY and SLEEP. Figure 5 is a transition diagram for these modes.
2.1
Active Mode
The active mode is the actual CPU running mode. Instructions are read from the internal ROM and executed by the CPU.
Leaving active mode via the halt instruction to go into standby mode, the Sleep bit write to go into Sleep mode or a reset
from port A to go into reset mode.
2.2
STANDBY Mode
Executing a HALT instruction puts the EM6607 into STANDBY mode. The voltage regulator, oscillator, Watchdog timer,
interrupts and timer/event counter are operating. However, the CPU stops since the clock related to instruction execution stops.
Registers, RAM, and I/O pins retain their states prior to STANDBY mode. A RESET or an Interrupt request cancel STANDBY
mode
.
2.3
SLEEP MODE
Writing the SLEEP* bit in the IntRq* register puts the
EM6607 in SLEEP mode. The oscillator stops and most
functions of the EM6607 are inactive. To be able to write
the SLEEP bit, the SLmask bit must be first set to 1 in
register WD. In SLEEP mode only the voltage regulator
and RESET input are active. The RAM data integrity is
maintained. SLEEP mode may be cancelled only by a
RESET at the terminal pin of the EM6607 or by the
selected port A input reset combination. This combination
is a metal option, see paragraph
130H
15.1.2. The RESET port
must be high for at least 10µsec.
Figure 5. Mode Transition Diagram
Due to the cold start characteristics of the oscillator, waking up from SLEEP mode may take some time to guarantee that the
oscillator has started correctly. During this time the circuit is in RESET state and the strobe output STB/RST is high. Waking up
from SLEEP mode clears the SLEEP flag but not the SLmask bit. By reading SLmask it can therefore determine if the EM6607
was powered up (SLmask = 0), or woken from SLEEP mode (SLmask = 1).
Table 1.
IntRq register
Bit
Name
Reset
R/W
Description
3
INTPR
0
R
Prescaler interrupt request
2
INTTE
0
R
Timer/counter interrupt request
1
INTPC
0
R
PortC Interrupt request
0
INTPA
0
R
PortA Interrupt request
2
SLEEP
0
W*
SLEEP mode flag
* Write bit 2 only if SLmask=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com