Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 31 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 31 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 35Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
31
www.emmicroelectronic.com
15 Metal Mask Options
The following options can be selected at the time of programming the metal mask ROM.
Table 46. input/output Ports
Pull-Down
Yes / No
Strong / Weak
Pull-Up
Yes / No
Strong / Weak
Nch-open drain
Yes / No
Input blocked
when Output
Yes / No
Output Hi-Z in
SLEEP mode
Yes / No
0
1 (*1)
2 (*1)
3
(*2)
4
A0 PA0 input
A1 PA1 input
A2 PA2 input
A3 PA3 input
B0 PB0 In/Out
B1 PB1 In/Out
B2 PB2 In/Out
B3 PB3 In/Out
OEBsleepRes
Bit in Option2
register.
Yes =1, No=0
C0 PC0 In/Out
C1 PC1 In/Out
C2 PC2 In/Out
C3 PC3 In/Out
OECsleepRes
Bit in Option2
register.
Yes =1, No=0
D0 PD0 In/Out
D1 PD1 In/Out
D2 PD2 In/Out
D3 PD3 In/Out
OEDsleepRes
Bit in Option2
register.
Yes =1, No=0
E0 PE0 In/Out
E1 PE1 In/Out
E2 PE2 In/Out
E3 PE3 In/Out
Put one letter (Y, N) in each BOX from proposed for the column.
For Pull-Up/Down if “Y” add also one letter (S,W) to define type of resistor. (see
138H
18.5 electrical parameters also)
*1 When used as N-channel Open drain output not-controlled Pull-Up (Y-SOD) can be used. Pull Up active during Output also
if Y-S is set in Pull-Up & Y for Nch-open drain an external resistor is needed to make output High !!!! because Pull Up is active
during input only ! This is applicable only for Ports B,C,D and E which can be outputs also.
*2 Port-wise for PortC and PortD (one possibility for the whole port); PortB bit-wise
Table 47. PortB Hi Current Drive capability
Driving to VSS (negative supply)
Possible options are
4n (weak), 10n, 18n (strong)
Driving to VDD (positive supply)
Possible options are
6p (weak), 14p, 24p (strong)
B0
PB0 output
B1
PB1 output
B2
PB2 output
B3
PB3 output
At higher VDD scaling of this buffer is needed not to overcome the Maximum VDD and VSS current for the IC.
Put in each box one of 3 possibilities mentioned in the title of column like 18n, 24p (strongest configuration). Numbers
above state for number of active N and P transistors in output buffer. See electrical parameters to know what to expect at
different option. Important Note: Maximum VDD and VSScurrent MUST be limited to 90 mA !! Only 2 PortB High current
terminals can switch at the same time in strongest configuration to limit the spikes generated by switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com