Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 14 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 14 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 18Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
14
www.emmicroelectronic.com
Debounced PA0 is connected to CPU TestVar1
Debounced PA1 is connected to CPU TestVar2
Debounced PA2 is connected to CPU TestVar3
PA[3:0]
Vdd
1
Mask
option
0
Mask
option
PortA RD
Debouncer
CPU
Testvar
Interrupt
Request
IRQpA
DebCK
IRQedgeR
1
0
1
0
debPAN
Figure 7.
Port A
Additionally, PA3 can also be used as the input terminal for the event counter.
The input port PA(0:3) has also individually selectable interrupts. Each port has its own interrupt mask bit in the MPortA
register. When an interrupt occurs, reading of the IRQpA and the IntRq registers allows identifying the source of the
interrupt. The IRQpA register is automatically cleared by reading the register or by a RESET,. Reading IRQpA register also
clears the INTPA flag in IntRq register. At initial RESET the MPortA is set to 0, thus disabling any input interrupts.
See paragraph 9 for further details about the interrupt controller.
7.1.1
PortA registers
Table 13.
PortA input status register - PortA
Bit
Name
Reset
R/W
Description
3
PA3
-
R
PA3 input status
2
PA2
-
R
PA2 input status
1
PA1
-
R
PA1 input status
0
PA0
-
R
PA0 input status
Table 14.
PortA Interrupt request register - IRQpA
Bit
Name
Reset
R/W
Description
3
IRQpa3
0
R
input PA3 interrupt request flag
2
IRQpa2
0
R
input PA2 interrupt request flag
1
IRQpa1
0
R
input PA1 interrupt request flag
0
IRQpa0
0
R
input PA0 interrupt request flag
Table 15.
PortA interrupt mask register - MportA
Bit
Name
Reset
R/W
Description
3
MPA3
0
R/W
interrupt mask for input PA3
2
MPA2
0
R/W
interrupt mask for input PA2
1
MPA1
0
R/W
interrupt mask for input PA1
0
MPA0
0
R/W
interrupt mask for input PA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com