Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 25 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 25 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 29Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
25
www.emmicroelectronic.com
11 Supply Voltage Level Detector (SVLD)
The EM6607 has a software configurable Supply Voltage Level detector. Three levels can be defined within the power
supply range. During SLEEP mode this function is disabled.
Voltage level detector can be used also for Power-Check on Start-up of the EM6607 micro-controller when VDD is applied
(see Chapter
135H
4.7
136H
POR with Power-Check Reset).
The required voltage compare level is selected by writing the bits VLC1 and VLC2 in the SVLD control register that also
activates the compare measurement. Since the measurement is not immediate the busy flag remains high during the
measurement and is automatically cleared low when the measurement is finished. Reading the VLDR flag indicates the
result. If the result is 0 then the voltage level is higher than the selected compare level. And if 1 it is lower than the compare
level. The result VLDR of the last measurement remains until the new one is finished. The new result overwrites the
previous one.
During the SVLD operation power consumption increases by approximately 3
μA for 3.9msec. The measurement internally
starts with the rising 256Hz edge following the SVLD test command. The additional SVLD consumption stops after the
falling edge of the 256Hz internal clock.
Table below lists the voltage level selection
Table 38.
SVLD Level selection
Voltage level
VLC1
VLC0
Possible levels implementations
SVLD disabled
0
0
VL1
0
1
VL1 : possible levels are from 1.3V to 3V by step of 100mV.
VL2
1
0
VL2 : possible levels are 2.3V ; 2.6V to 3.5V by step of 100mV ; 3.7V and 4V
VL3
1
1
VL3 : possible levels are 2.6V to 3.5V by step of 100mV ; 3.7V and 4V
VL1 level is also the level used for Power check if activated (table
137H
15.1.1).
Table 39.
SVLD control register - SVLD
Bit
Name
Reset
R/W
Description
3
VLDR
0
R
SVLD result (0=higher 1=lower)
2
busy
0
R
measurement in progress
1
VLC1
0
R/W
SVLD level control 1
0
VLC0
0
R/W
SVLD level control 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com