Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 13Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
9
www.emmicroelectronic.com
4
Reset
To initialize the EM6607, a system RESET must be executed. There are five methods of doing this:
(1)
Initial RESET from the oscillation detection circuit.
(2)
External RESET from the RESET PIN.
(3)
External RESET by simultaneous high input to terminals PA0..PA3.
(Combinations defined by metal option)
(4)
Watchdog RESET (software option).
(5)
Software Power-On-Reset by writing S0ftPOR bit in Option2 register to “1”
During any of these RESET’s the STB/RST output pin is high.
Figure 6.
System reset generation
4.1
Oscillation detection circuit
At power on, the built-in voltage regulator starts to follow the supply voltage until VDD becomes higher than VREG. Since it is
VREG which supplies the oscillator and this needs time to stabilise, Power-On-Reset with the oscillation detection circuit
therefore counts the first 32768 oscillator clocks after power-on and holds the system in RESET. The system will consequently
remain in RESET for at least one second after power up.
After power up the Analogue Watchdog circuit monitors the oscillator. If it stops for any reason other then SLEEP mode, then a
RESET is generated and the STB/RST pin is driven high.
4.2
Reset Pin
During active or STANDBY mode the RESET terminal has a debouncer to reject noise and therefore must be active high for at
least 2ms or 16ms (CLK = 32kHz) - software selectable by DebCK in CIRQD register. (See Table 37)
When cancelling sleep mode, the debouncer is not active (no clock), however, reset passes through an analogue filter with a
time constant of typical. 5µs. In this case Reset pin must be high for at least 10 µs to generate a system reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com