Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 38 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 38 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 42Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
38
www.emmicroelectronic.com
17.3 Output Currents (Typical)
Port B: IOL current VDD=1.5V , VOL=0.3V
0.00
5.00
10.00
15.00
20.00
-40
-20
0
20
40
60
80
100
[°C]
[mA]
18 Tr
10 Tr
4 Tr
Port B: IOL current VDD=3.0V , VOL=0.4V
0
5
10
15
20
25
30
35
40
-40
-20
0
20
406080
100
[°C]
[mA]
18 Tr
10 Tr
4 Tr
Port B: IOL current VDD=1.2V , VOL=0.15V
0
1
2
3
4
5
6
7
8
-40
-20
0
20
406080
100
[°C]
[mA]
18 Tr
Port IOL current VDD=3.0V , VOL=0.4V
0
2
4
6
8
10
-40
-20
0
20
406080
100
[°C]
[mA]
Port IOL current VDD=1.5V , VOL=0.3V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
-40
-20
0
2040
6080
100
[°C]
[mA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com