Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 36 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 36 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 40Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
36
www.emmicroelectronic.com
Idd RUN @ 3V
0.00
0.50
1.00
1.50
2.00
2.50
-40
-20020
40
60
80
100
[°C]
[uA]
Idd RUN @ 1.5V
0.00
0.50
1.00
1.50
2.00
2.50
-40
-20
0
2040
6080
100
[°C]
[uA]
Idd SLEEP @ 3.0V
0.00
50.00
100.00
150.00
200.00
250.00
-40
-20
0
2040
6080
100
[°C]
[nA]
Idd SLEEP @ 1.5V
0.00
50.00
100.00
150.00
200.00
250.00
-40
-20
0
204060
80
100
[°C]
[nA]
Idd HALT @ 3.0V
0.00
200.00
400.00
600.00
800.00
1000.00
-40
-20
0
2040
6080
100
[°C]
[nA]
Idd HALT @ 1.5V
0.00
200.00
400.00
600.00
800.00
1000.00
-40
-20
0
20
40
60
80
100
[°C]
[nA]
17 Temperature and Voltage Behaviours
17.1 IDD Current (Typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com