Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 24 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 24 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 28Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
24
www.emmicroelectronic.com
Table 37.
Register - CIRQD
Bit
Name
Reset
R/W
Description
3
-
0
R/W
Reserved, must written to 0
2
-
0
R/W*
Reserved, must written to 0
1
DebCK
0
R/W
Debouncer clock select (0=2ms : 1=16ms)
0
INTEN
0
R/W
Enable interrupt to CPU (1=enabled)
Figure 13.
Interrupt Request generation
IRQ mask bit which can be written to 0 or 1 (1 to enable an interrupt)
interrupt request flag which is set on the input rising edge.
Timer IRQ flag INTTE and prescaler IRQ flag INTPR arrive independent of their mask bits not to loose any timing
information. But the
μprocessor will be interrupted only with mask set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com