Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6607 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
EM6607 at a glance
Power Supply
- Low Voltage, low power architecture
including internal voltage regulator
- 1.2V ... 3.3 V battery voltage
- 1.8
μA in active mode
- 0.5
μA in standby mode
- 0.1
μA in sleep mode @ 1.5V, 32kHz, 25 °C
- 32 kHz Oscillator or external clock
RAM
- 96 x 4 bit, direct addressable
ROM
- 2048 x 16 bit metal mask programmable
CPU
- 4 bit RISC architecture
- 2 clock cycles per instruction
- 72 basic instructions
Main Operating Modes and Resets
- Active mode
(CPU is running)
- Standby mode
(CPU in Halt)
- Sleep mode
(No clock, Reset State)
- Initial reset on Power-On (POR)
- External reset pin
- Watchdog timer (time-out) reset
- Oscillation detection watchdog reset
- Reset with input combination on PortA
4-Bit Input PortA
- Direct input read
- Debounced or direct input selectable (reg.)
- Interrupt request on input’s rising or falling edge, selectable by
register.
- Pull-down or Pull-up selectable by metal mask
- Software test variables for conditional jumps
- PA3 input for the event counter
- Reset with input combination on PortA (metal option)
4-Bit Input/Output PortB
- Separate input or output selection by register
- Pull-up, Pull-down or none, selectable by metal mask if used as
Input
- Buzzer output on PB0 (24-pin) / PE0 (28-pin)
4-Bit Input/Output PortC
- Input or Output port as a whole port
- Debounced or direct input selectable (reg.)
- Interrupt request on input’s rising or falling edge, selectable by
register.
- Pull-up, pull-down or none, selectable by
metal mask if used as input
- CMOS or N-channel open drain mode
4-Bit Input/Output PortD
- Input or Output port as a whole port
- Pull-up, Pull-down or none, selectable by metal mask if
used as Input
- CMOS or N-channel open drain mode
- Serial Write Buffer clock and data output
4-Bit Input/Output PortE
- Separate input or output selection by register
- Pull-up, Pull-down or none, selectable by metal mask if
used as Input
Serial (output) Write Buffer
- max. 256 bits long clocked with 16/8/2/1kHz
- automatic send mode
- interactive send mode : interrupt request
when buffer is empty
Buzzer Output
- if used output on PB0 (24 pin) or PE0 (28 pin)
- 3 tone buzzer - 1kHz, 2kHz, 2.66kHz/4kHz (TBC)
Prescaler
- 32kHz output possible on the STB/RST pin
- 15 stage system clock divider down to 1 Hz
- 3 interrupt requests: 1Hz/8Hz/32Hz
- Prescaler reset (from 8kHz to 1Hz)
8-bit Timer / Event Counter
- 8-bit auto-reload count-down timer
- 6 different clocks from prescaler
- or event counter from the PA3 input
- parallel load
- interrupt request when comes to 00 hex.
Supply Voltage Level Detector
- 3 software selectable levels (1.3V, 2.0V,
2.3V or user defined between 1.3V and 3.0V)
- Busy flag during measure
- Active only on request during measurement to reduce
power consumption
Interrupt Controller
- 9 external interrupt sources: 4 from PortA, 4 from PortC.
- 3 internal interrupt sources, prescaler, timer and Serial
Write Buffer
- Each interrupt request is individually selectable
- Interrupt request flag is cleared automatically on register
read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com