Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 47 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 47 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 47Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 47 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
47
www.emmicroelectronic.com
21 Ordering Information
Ordering Part Number (selected examples)
Part Number
Package/Die Form
Delivery Form/ Thickness
EM6607SO28A-%%%
28 pin SOIC
Stick
EM6607SO28B-%%%
28 pin SOIC
Tape&Reel
EM6607SO24A-%%%
24 pin SOIC
Stick
EM6607SO24B-%%%
24 pin SOIC
Tape&Reel
EM6607TP28B-%%%
28 pin TSSOP
Tape&Reel
EM6607TP24B-%%%
24 pin TSSOP
Tape&Reel
EM6607WS11-%%%
Sawn wafer
11 mils
EM6607WP11-%%%
Die in waffle pack
11 mils
Please make sure to give the complete Part Number when ordering, including the 3-digit customer version. The customer
version is made of 3 numbers %%% (e.g. 008 , 012, 131, etc.)
21.1 Package Marking
24/28-pin SOIC marking:
24-pin TSSOP marking:
First line:
E M 6 6 0 7
% % % Y
E M 6
6
0
7 % %
Second line:
P P P P P P P P P P P
P P
P P P P P P
Third line:
C C C C C C C C C C C
C C C C Y P
28-pin TSSOP marking:
First line:
E M 6 6 0 7
% % % Y
Second line:
P P P P P P P P P P P
Third line:
C C C C C C C C
Where: %%% or %% = customer version, specific number given by EM (e.g. 008, 012, 131, etc.)
PP…P = Production identification (date & lot number) of EM Microelectronic
Y = year of assembly
CC…C = Customer specific package marking on third line, selected by customer
21.2 Customer Marking
There are 11 digits available for customer marking on SO24/28, 4 for TSSOP24, and 8 for TSSOP14.
EM Microelectronic-Marin SA (EM) makes no warranty for the use of its products, other than those expressly contained in
the Company's standard warranty which is detailed in EM's General Terms of Sale located on the Company's web site.
EM assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or
specifications detailed herein at any time without notice, and does not make any commitment to update the information
contained herein. No licenses to patents or other intellectual property of EM are granted in connection with the sale of EM
products, expressly or by implications. EM's products are not authorized for use as components in life support devices or
systems.
©
EM Microelectronic-Marin SA, 01/06, Rev. D
Packaged Device:
Device in DIE Form:
--
Package:
Die form:
SO28 = 28 pin SOIC
WW = Wafer
SO24 = 24 pin SOIC
WS = Sawn Wafer/Frame
TP28 = 28 pin TSSOP
WP = Waffle Pack
TP24 = 24 pin TSSOP
Thickness:
11 = 11 mils (280um), by default
Delivery Form:
27 = 27 mils (686um), not backlapped
A = Stick
(for other thickness, contact EM)
B = Tape&Reel
Customer Version:
Customer Version:
customer-specific number
customer-specific number
given by EM Microelectronic
given by EM Microelectronic
WS 11 %%%
EM6607
EM6607 SO28 A %%%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com