Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6607 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
1
Pin Description for EM6607
Pin Nb
24 pin
Pin Nb
28 pin
Pin Name
Function
Remarks
1
1
port A, 0
input 0 port A
interrupt request; tvar 1
2
2
port A, 1
input 1 port A
interrupt request; tvar 2
3
3
port A, 2
input 2 port A
interrupt request; tvar 3
4
4
port A, 3
input 3 port A
interrupt request; event counter input
-
5
port E, 0
input / output 0 port E
buzzer output in 28 pin package
5
6
port B, 0
input / output 0 port B
buzzer output in 24 pin package
6
7
port B, 1
input / output 1 port B
7
8
port B, 2
input / output 2 port B
8
9
port B, 3
input / output 3 port B
-
10
port E, 1
input / output 1 port E
9
11
test
test input terminal
for EM test purpose only (internal pull-down)
10
12
Qout/osc 1
crystal terminal 1
11
13
Qin/osc 2
crystal terminal 2 (input)
Can accept trimming capacitor tw. VSS
12
14
VSS
negative power supply terminal
13
15
STB/RST
strobe / reset status
µC reset state + port B, C, D write
14
16
port C, 0
input / output 0 port C
interrupt request
15
17
port C, 1
input / output 1 port C
interrupt request
16
18
port C, 2
input / output 2 port C
interrupt request
17
19
port C, 3
input / output 3 port C
interrupt request
-
20
port E, 2
input / output 2 port E
18
21
port D, 0
input / output 0 port D
SWB Serial Clock Output
19
22
port D, 1
input / output 1 port D
SWB Serial Data Output
20
23
port D, 2
input / output 2 port D
21
24
port D, 3
input / output 3 port D
-
25
port E, 3
input / output 3 port E
22
26
RESET
reset terminal
Active high (internal pull-down)
23
27
VREG
internal voltage regulator
Needs typ. 100nF capacitor tw. VSS
24
28
VDD
positive power supply terminal
Table 1.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com