Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 32 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 32 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 36Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
32
www.emmicroelectronic.com
15.1.1 Power-Check Level Option
Option
Name
Default
Value
User
Value
A
B
PwCheck
Power-Check Yes / No
NO
Power Check function can be enabled or disabled. For
EM6603 compatibility the default selection is NO, but can
be set to YES to be sure VDD on Power-Up came over
SVLD level VL1 before internal Reset is released and
circuit starts to execute instructions.
15.1.2 PortA reset Option, see paragraph
139H
4.3
Option
Name
Default
Value
User
Value
A
B
RA
PortAreset
rstpa_no
Refer to chapter
140H
4.3
141H
Input port (PA0..PA3) RESET to
select the PortA reset option. Possible options are
rstpa_no, rstpa_xh where x={3,5,6,7,9,a,b,c,d,e,f}
15.1.3
SVLD levels Option, see paragraph
142H
11 SVLD
Option
Name
typ. VL1 level [V] typ. VL2 level [V] typ. VL3 level [V]
VLX
SVLD level in Volts
VL1 level is also the level used for Power check if activated (table
143H
15.1.1).
VL1 : possible levels are from 1.3V to 3V by step of 100mV.
VL2 : possible levels are 2.3V ; 2.6V to 3.5V by step of 100mV ; 3.7V and 4V
VL3 : possible levels are 2.6V to 3.5V by step of 100mV ; 3.7V and 4V
Software name is :
______________.bin, dated ______________
The customer should specify the required options at the time of ordering.
A copy of this sheet, as well as the « Software ROM characteristic file » generated by
the assembler (*.STA) should be attached to the order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com