Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 18 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 18 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 22Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
18
www.emmicroelectronic.com
7.4
PortD
The EM6607 has one all purpose I/O port similar to PortC but without interrupt capability. The PortD register is used to read
input data when an input and to write output data for output. The input line can be pulled Up/Down (metal option) when the
port is used as input. Input mode is set by writing 0 to the I/O control bit CIOPD in register CPIOB, and the terminal becomes
high impedance. On each terminal controlled Pull-Up/Down resistor can be selected by metal option which are active only
when selected as input. Special case is when we want to use internal Strong pull-up resistor also when PortC terminal is
declared as N-channel open drain output and internal pull-up resistor is used to pull up the output (not-controlled pull-up).
This is a special option “sod” = strong pull-up for Open drain- active all the time (when terminal is input or output).
Output mode is set by writing 1 to the control bit CIOPD. Consequently, the terminal follows the status of the bits in the
PortD register. If Serial Write Buffer function is enabled PD0 and PD1 terminals of PortD output serial clock and serial data
respectively. For details see 11.0 Serial Write Buffer.
7.4.1
PortD registers
Table 23.
PortD Input/Output register - PortD
Bit
Name
Reset
R/W
Description
3
PD3
0
R/W
PD3 I/O data
2
PD2
0
R/W
PD2 I/O data
1
PD1
0
R/W
PD1 I/O data
0
PD0
0
R/W
PD0 I/O data
Table 24.
Ports control register - CPIOB
Bit
Name
Reset
R/W
Description
3
-
-
R/W
not used
2
CIOPD
0
R/W
I/O PortD select
1
CIOPC
0
R/W
I/O PortC select
0
PA&C
0
R/W
Logical AND of IRQ’s from PortA & PortC
PD[3:0]
Vdd
2Y
2N
Mask
option
Mask
option
0
Mask
option
1
Mask
option
3Y
3N
Mask
option
Mask
option
Sleep
PortD RD
PG
NG
OE
D
Port D
CIOPD
OEBsleepRes
Figure 10.
Port D
If OEDsleepRes bit in Option2 register is set to “1” (Output Hi-Z in SLEEP mode) the active Output will go tri-state when the
circuit goes into SLEEP mode. In the case of OEDsleepRes at “0”, output stay active also in the SLEEP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com