Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 40 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 40 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 44Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
40
www.emmicroelectronic.com
18 Electrical specifications
18.1 Absolute maximum ratings
Parameter
min.
max.
unit
Supply voltage VDD-VSS
- 0.2
+ 3.6
V
VDD current (DC)
90
mA
VSS current (DC)
90
mA
Input voltage
VSS - 0.2
VDD+0.2
V
Storage temperature
- 40
+ 125
°C
Stresses above these listed maximum ratings may cause permanent damage to the device. Exposure beyond specified
electrical characteristics may affect device reliability or cause malfunction
.
18.2 Standard Operating Conditions
Parameter
value
Description
Temperature
-20°C to +85°C
VDD_range1
1.4V to 3.3V
With internal voltage regulator
VDD_range2 (VREG = VDD) (note 1)
1.2V to 1.8V
Without internal voltage regulator
VSS
0V (reference)
CVREG
min. 100nF
regulated voltage capacitor tow. VSS
fq
32768Hz
nominal frequency
RQS
35kΩ
typical quartz serial resistor
CL
8.2pF
typical quartz load capacitance
df/f
± 30ppm
quartz frequency tolerance
18.3 Handling Procedures
This device has built-in protection against high static voltages or electric fields; however, anti-static precautions should be
taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur when all terminal voltages are kept within the supply voltage
range.
18.4 DC characteristics - Power Supply Pins
Conditions: VDD=VREG=1.5V, T=25°C (note 5) (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
(note1)
Max.
Unit
ACTIVE Supply Current
+25°C (note2)
IVDDa
1.8
3.0
μA
ACTIVE Supply Current
(in active mode)
(note2) (note2)
-20°C to +85°C
IVDDa
4.5
μA
STANDBY Supply Current
+25°C
IVDDh
0.5
1.0
μA
STANDBY Supply Current
(in Halt mode)
(note3)
-20°C to +85°C
IVDDh
1.8
μA
SLEEP Supply Current
+25°C
IVDDs
0.1
0.4
μA
SLEEP Supply Current
(SLEEP =1)
(note3)
-20°C to +85°C
IVDDs
1.2
μA
POR voltage
VPOR
0.7
1.0
V
RAM data retention
VRD
1.1
V
Regulated Voltage
VREG not at VDD
VREG
1.10
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com