Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 16Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com
5
Oscillator
A built-in crystal oscillator circuit generates the system-operating clock for the CPU and peripheral circuits from an externally
connected crystal (typ. 32.768kHz) and trimmer capacitor (from Qin tw. VSS). The regulated voltage, VREG, supplies the
oscillator circuit. In SLEEP mode the oscillator is stopped.
With Fout bit in PA3cnt register we can put the system 32.768 Hz frequency on STB/RST pin as output.
5.1
Prescaler
The input to the prescaler is the system clock signal. The
prescaler consists of a fifteen (15) element divider chain
which delivers clock signals for the peripheral circuits such
as the timer/counter, buzzer, I/O debouncers and edge
detectors, as well as generating prescaler interrupts.
Table 8.
Prescaler interrupts source
Interrupt frequency
PSF1
PSF0
mask(no interrupt)
0
0
1 Hz
0
1
8 Hz
1
0
32 Hz
1
1
The frequency of prescaler interrupts is software selectable, as shown in Table 8.
Table 9.
Prescaler control register - PRESC
Bit
Name
Reset
R/W
Description
3
MTim
0
R/W
Timer/Counter Interrupt Mask
2
PRST
-
R/W
Prescaler reset
1
PSF1
0
R/W
Prescaler Interrupt select 1
0
PSF0
0
R/W
Prescaler Interrupt select 0
6
Watchdog timer
If for any reason the CPU crashes, then the watchdog timer can detect this situation and output a system reset signal. This
function can be used to detect program overrun. For normal operation the watchdog timer must be reset periodically by
software at least once every three seconds (CLK = 32kHz) or a system reset signal is generated to CPU and periphery. The
watchdog is active during STANDBY. Setting the NoWD bit to 1 in the Option register deactivates the watchdog-reset function.
In worst case because of prescaler reset function WD time-out can come down to 2 seconds.
Writing 1 to the WDRST bit resets the watchdog timer. Writing 0 to WDRST has no effect.
The watchdog timer also operates in STANDBY mode. It is therefore necessary to reset it if this mode continues for more than
three seconds. One method to do so is to use the prescaler 1Hz interrupt such, that the watchdog is reset every second.
Table 10.
Watchdog register - WD
Bit
Name
Reset
R/W
Description
3
WDRST
-
R/W
Watchdog timer reset
2
Slmask
-
R/W
SLEEP mask bit
1
WD1
0
R
WD Timer data 1/4 Hz
0
WD0
0
R
WD Timer data 1/2 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com