Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 16 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 16 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 20Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
16
www.emmicroelectronic.com
7.3
PortC
This port can be configured as either input or output (but it is not bitwise selectable). When in input mode it implements the
identical interrupt functions as PortA. The PortC register is used to read data when input mode and to write data when in
output mode. Input mode is set by writing 0 in the I/O control bit CIOPC in register CPIOB, the input becomes high
impedance. On each terminal controlled Pull-Up/Down resistor can be selected by metal option, which are active only when
port is input. When we want to use internal Strong pull-up resistor also when PortC terminal is declared as N-channel open
drain output and internal pull-up resistor is used to pull up the output (not-controlled pull-up). This is a special option “sod” =
strong pull-up for Open drain- active all the time (when terminal is input or output).
The output mode is selected by writing 1 to CIOPC bit, and the terminal follows the bits in the PortC register. When PortC is
used as an input, interrupt functions as described for PortA can be enabled. Input to the interrupt logic can be direct or via a
debounced input. With the debPCN bit at 0 in the Option register all the PortC inputs are debounced and with the debPCN
bit at 1 none of the PortC inputs are debounced. MPortC is the interrupt mask register for this port and IRQpC is the portC
interrupt request register. See also section 9.
By writing the PA&C bit in the CPIOB data register it is
possible to combine PortA and PortC interrupt requests
(logic AND) as shown in Table 17
At initial reset, the CPIOC control register is set to 0, and the
port is in input mode. The MPortC register is also set to 0,
therefore disabling interrupts.
Table 18.
Ports A&C Interrupt
IRQPA
IRQPC
PA&C
Request to CPU
0
0
X
No
0
1
0
Yes
1
0
0
Yes
1
1
0
Yes
0
1
1
No
1
0
1
No
1
1
1
Yes
7.3.1
PortC registers
Table 19.
PortC input/output register - PortC
Bit
Name
Reset
R/W
Description
3
PC3
-
R/W
PC3 I/O data
2
PC2
-
R /W
PC2 I/O data
1
PC1
-
R/W
PC1 I/O data
0
PC0
-
R /W
PC0 I/O data
Table 20.
PortC Interrupt request register - IRQpC
Bit
Name
Reset
R/W
Description
3
IRQpc3
0
R
input PC3 interrupt request flag
2
IRQpc2
0
R
input PC2 interrupt request flag
1
IRQpc1
0
R
input PC1 interrupt request flag
0
IRQpc0
0
R
input PC0 interrupt request flag
Table 21.
PortC interrupt mask register - MportC
Bit
Name
Reset
R/W
Description
3
MPC3
0
R/W
interrupt mask for input PC3
2
MPC2
0
R/W
interrupt mask for input PC2
1
MPC1
0
R/W
interrupt mask for input PC1
0
MPC0
0
R/W
interrupt mask for input PC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com