Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 23 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 23 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 27Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
23
www.emmicroelectronic.com
10 Interrupt Controller
The EM6607 has 12 different interrupt sources, each of which is maskable. These are:
External (9)
- PortA PA3..PA0 inputs
- PortC PC3..PC0 inputs
- Combined AND of PortA * PortC
Internal (3)
- Prescaler (32Hz / 8Hz / 1Hz)
- Timer/Event counter
- SWB in interactive mode
For an interrupt to the CPU to be generated, the interrupt request flag must be set (INTxx), and the corresponding mask
register bit must be set to 1 (Mxx), the general interrupt enable flag (INTEN) must also be set to 1. The interrupt request can
be masked by the corresponding interrupt mask registers MPortx for each input interrupt and by PSF0 ,PSF1 and MTim for
internal interrupts. At initial reset the interrupt mask bits are set to 0. INTEN bit is set automatically to 1 by Halt Instruction
except when starting the Automatic SWB transfer (see Serial Write Buffer (SWB) chapter 11)
The CPU is interrupted when one of the interrupt request flags is set to 1 in register IntRq and the INTEN bit is enabled in
the control register CIRQD. INTTE and INTPR flags are cleared automatically after a read of the IntRq register. The other
two interrupt flags INTPA (IRQ from PortA) and INTPC (IRQ from PortC) in the IntRq register are cleared only after reading
the corresponding Port interrupt request registers IRQpA and IRQpC. At the Power on reset and in SLEEP mode the INTEN
bit is also set to 0 therefore not allowing any interrupt requests to the CPU until it is set to 1 by software.
Since the CPU has only one interrupt subroutine and because the IntRq register is cleared after reading, the CPU does not
miss any of the interrupt requests which come during the interrupt service routine. If any occur during this time a new
interrupt will be generated as soon as the CPU comes out of the current interrupt subroutine. Interrupt priority can be
controlled through software by deciding which flag in the IntRq register should be serviced first.
For SWB interactive mode interrupt see section 11.0 Serial Write Buffer.
10.1 Interrupt control registers
Table 36.
Main Interrupt request register - IntRq (Read Only)*
Bit
Name
Reset
R/W
Description
3
INTPR
0
R
Prescaler interrupt request
2
INTTE
0
R
Timer/counter interrupt request
1
INTPC
0
R
PortC Interrupt request
0
INTPA
0
R
PortA Interrupt request
2
SLEEP
0
W*
SLEEP mode flag
* Write bit 2 only if SLmask=1
If the SLEEP flag is written with 1 then the EM6607 goes immediately into SLEEP mode (SLmask was at 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com