Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 22 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 22 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 26Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
22
www.emmicroelectronic.com
Table below shows the selection of inputs to the Timer/Event counter.
Table 30.
Timer Clock Selection
TEC2
TEC1
TEC0
Timer/Counter clock source
0
0
0
not active
0
0
1
2048 Hz from prescaler
0
1
0
512 Hz from prescaler
0
1
1
128 Hz from prescaler
1
0
0
32 Hz from prescaler
1
0
1
8 Hz from prescaler
1
1
0
1 Hz from prescaler
1
1
1
PA3 input terminal (see tables 28 and 29)
9.1
Timer/Counter registers
Table 31.
Timer control register - TimCtr
Bit
Name
Reset
R/W
Description
3
TimAuto
0
R/W
Timer/Counter AUTO reload
2
TEC2
0
R/W
Timer/Counter mode 2
1
TEC1
0
R/W
Timer/Counter mode 1
0
TEC0
0
R/W
Timer/Counter mode 0
Table 32.
LOW Timer Load/Status register - LTimLS (4 low bits)
Bit
Name
Reset
R/W
Description
3
TL3/TS3
0
R/W
Timer load/status bit 3
2
TL2/TS2
0
R/W
Timer load/status bit 2
1
TL1/TS1
0
R/W
Timer load/status bit 1
0
TL0/TS0
0
R/W
Timer load/status bit 0
Table 33.
HIGH Timer Load/Status register - HTimLS (4 high bits)
Bit
Name
Reset
R/W
Description
3
TL7/TS7
0
R/W
Timer load/status bit 7
2
TL6/TS6
0
R/W
Timer load/status bit 6
1
TL5/TS5
0
R/W
Timer load/status bit 5
0
TL4/TS4
0
R/W
Timer load/status bit 4
Table 34.
PA3 counter input selection register - PA3cnt
bit
Name
Reset
R/W
Description
3
-
0
-
empty
2
WDanadis
0
R/W
Analogue WD disable
1
Fout
0
R/W
System freq. output on STB/RST pad
0
PA3cntin
0
R/W
PA3 input status
Table 35.
PA3 counter input selection
PA3cntin
debPAN
IRQedgeR
Counter source
0
X
X
PA3 debounced rising edge
1
0
0
PA3 debounced falling edge
1
0
1
PA3 debounced rising edge
1
1
0
PA3 not debounced falling edge
1
1
1
PA3 not debounced rising edge
X ( Don’t care)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com