Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 26 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 26 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 30Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
26
www.emmicroelectronic.com
12 Serial Write Buffer – SWB
The EM6607 has a simple Serial Write Buffer (SWB) which outputs serial data and serial clock.
The SWB is enabled by setting the bit V03 in the CLKSWB register as well as setting port D to output mode. The
combination of the possible PortD mode is shown in Table 34. In SWB mode the serial clock is output on port D0 and the
serial data is output on port D1.
The signal TestVar[3], which is used by the processor to make conditional jumps, indicates "Transmission finished" in
automatic send mode or "SWBbuffer empty" in interactive send mode. In interactive mode, TestVar[3] (see port A section) is
equivalent to the interrupt request flags stored in IntRq register : it permits to recognise the interrupt source. (See also the
interrupt handling section 9.Interrupt Controller for further information). To serve the "SWBbuffer empty " interrupt request,
one only has to make a conditional jump on TestVar[3].
Bits ClkSWB0 and ClkSWB1 in the ClkSWB register select the Serial Write Buffer output clock frequency. The
possible values are 1kHz (default), 2kHz, 8kHz or 16kHz and are shown in Table below:
Table 40.
SWB clock selection
SWB clock output
CkSWB1
CkSWB0
1024 Hz
0
0
2048 Hz
0
1
8192 Hz
1
0
16384 Hz
1
1
Table 41.
SWB clock selection register - ClkSWB
Bit
Name
Reset
R/W
Description
3
V03
0
R/W
Serial Write buffer selection
2
-
0
R
RESERVED - read 0
1
CkSWB1
0
R/W
SWB clock selector 1
0
CkSWB0
0
R/W
SWB clock selector 0
Table 42.
PortD status
PortD status
CIOPD
V03
PD0
PD1
PD2
PD3
« NORMAL »
0
0
input
input
input
input
« NORMAL »
0
1
input
input
input
input
« NORMAL »
1
0
output PD0
output PD1
output PD2
output PD3
« SWB »
1
1
serial clock Out
SWB serial data
output PD2
output PD3
When the SWB is enabled by setting the bit V03 TestVar[3], which is used to make conditional jumps, is reassigned to the
SWB and indicates either "SWBbuffer empty " interrupt or "Transmission finished" . After Power-on-RESET V03 is cleared
at "0" and TestVar[3] is consequently assigned to PA2 input terminal.
The SWB data is output on the rising edge of the clock. Consequently, on the receiver side the serial data can be evaluated
on falling edge of the serial clock edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com