Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 20 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 20 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 24Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
20
www.emmicroelectronic.com
8
BUZZER
The EM6607 has one 50% duty cycle output with three different frequencies, which can be used to drive a buzzer. I/O
terminal PB0 in 24-pin package or PE0 in 28-pin package (BuzzerPE0 option) is used for this function when the buzzer is
enabled by setting the BUen bit to 1 . Table 22 below shows how to select the frequency by writing to the BCF1 and BCF0
control flags in the BEEP register.
After writing to the buzzer control register BEEP, the
chosen frequency (or silence) is selected immediately.
With the BUen bit set to 1, the selected frequency is
output at PB0 when BuzzerPE0 is 0. When the BUen is
set to 0 PB0 is used as a normal I/O terminal of PortB.
The BUen bit has a higher priority over the I/O control bit
CIOPB0 in the CIOPortB register. In case when
BuzzerPE0 is 1 and BUen is set to 1 PE0 becomes
output and PB0 is not influenced by buzzer function.
Tone frequency
BCF1
BCF0
silence
0
0
1024 Hz
0
1
2048 Hz
1
0
2667 Hz
1
1
Table 2.
Buzzer frequency selection
8.1
Buzzer Register
Table 27.
Buzzer control register - BEEP
Bit
Name
Reset
R/W
Description
3
TimEn
0
R/W
Timer/counter enable
2
BUen
0
R/W
Buzzer enable
1
BCF1
0
R/W
Buzzer Frequency control
0
BCF0
0
R/W
Buzzer Frequency control
Table 28.
Buzzer output pad allocation
Buzzer on PB0 or PE0
BuzzerPE0
in register Option2
Buzzer output on PE0
1
Buzzer output on PB0
0
Table 29.
PB0 & PE0 function used with BUen
and BuzzerPE0 control bits
CIOPB0
CIOPE0
BUen
BuzzerPE0
Function distributions on PB0 and PE0 pads
0
0
0
X
PB0 and PE0 are Inputs
1
1
0
X
PB0 and PE0 are independent outputs
X
0
1
0
PB0 is Buzzer output, PE0 is input
0
X
1
1
PB0 is input, PE0 is Buzzer output
1
X
1
1
PB0 is general output, PE0 is Buzzer output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com