Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 15Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
11
www.emmicroelectronic.com
4.6
CPU State after RESET
RESET initialises the CPU as shown in the table below.
Table 7.
Initial Value after RESET
name
bits
symbol
initial value
Program counter 0
12
PC0
$000 (as a result of Jump 0)
Program counter 1
12
PC1
undefined
Program counter 2
12
PC2
undefined
stack pointer
2
SP
SP(0) selected
index register
7
IX
undefined
Carry flag
1
CY
undefined
Zero flag
1
Z
undefined
HALT
1
HALT
0
Instruction register
16
IR
Jump 0
periphery registers
4
see peripheral memory map
4.7
POR with Power-Check Reset
POR and Power-Check are supervising the VREG (digital) which follows more or less the V
DD supply voltage on start-up
to
guarantee proper operation after Power-On. The resetcold signal is released when the V
DD supply voltage is high enough
for the IC to function correctly.
During power-up of the EM6607 static POR (Power-On-Reset) cell supervising the VREG with level of typ. 0.9V is checked to
give initial reset. Reset can be prolonged also with Power-Check function if enabled by metal option. In this case VDD must
come above VL1 of the SVLD described in Chapter
133H
11
134H
Supply Voltage Level Detector (SVLD) to release the circuit reset
signal and starts to execute instructions.
When Power-Check is enabled a power-check logic is switched-on with POR signal high and starts to check periodically
VDD against the SVLD-VL1 level which keeps resetcold active high until VDD > VL1. When used with external quartz first VDD
check starts in the middle of quartz Cold-Start sequence – after first 16384 system clocks with the same timing as in normal
SVLD operation. If VDD > VL1 Power-Check condition is met and system reset will wait until first 32768 clocks needed for
Quartz Cold-Start is finished and release System reset.
In case VDD < VL1, comparison will be repeated with every next 8 Hz system clock until VDD > VL1. In case of a very slow
rising VDD, it might happen that Quartz Cold-Start is finished. System reset will keep the EM6607 under reset until first time
VDD becomes higher as VL1 to guarantee good operating conditions (oscillator stabilized during its Cold-Start delay and VDD
is high enough to avoid “grey” zone between static POR and VL1).
IMPORTANT: special care should be taken, when Power Supply starts to fall close to or below V
DD min. Frequent checking
of the SVLD V
L1 (1.3V) must be done. Between minimum VDD supply of 1.2V and static POR level of 0.9V there is a grey
zone, which must be avoided for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com