Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 33 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 33 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 37Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
33
www.emmicroelectronic.com
16 PERIPHERAL MEMORY MAP
The following table shows the peripheral memory map of the EM6607. The address space is between $00 and $7F (Hex).
Any addresses not shown can be considered to be reserved.
Register
name
add
hex
add
dec
power
up
value
write_bits
read_bits
Remarks
b'3210
Read/Write_bits
RAM
00-
5f
0-95
xxxx
0: D0
1: D1
2: D2
3: D3
direct addressing
LTimLS
60
96
0000
0: TL0
1: TL1
2: TL2
3: TL3
0: TS0
1: TS1
2: TS2
3: TS3
low nibble of 8bit timer load and
status register
HTimLS
61
97
0000
0: TL4
1: TL5
2: TL6
3: TL7
0: TS4
1: TS5
2: TS6
3: TS7
high nibble of 8bit timer load
and status register
TimCtr
62
98
0000
0: TEC0
1: TEC1
2: TEC2
3: TimAuto
timer control register with
frequency selector
Option
63
99
0000
0: NoWD
1: debPAN
2: debPCN
3: IRQedgeR
Watch dog timer off
Debouncer on port A disabled
Debouncer on port C disabled
Rising edge interrupt
Option2
64
100
0000
0: BUZZERPE0
1: OEBsleepRes
2: OECsleepRes
3: OEDsleepRes
Buzzer on PE0 enable
PortB OE reset by Sleep
PortC OE reset by Sleep
PortD OE reset by Sleep
PA3cnt
65
101
0000
0: PA3cntin
1: Fout
2: WDdisana
3: 0
PA3 counter input
Frequency output on STRB
Disable analogue WD
PortE
66
102
xxxx
0: PE0
1: PE1
2: PE2
3: PE3
Port E Input/Output
CIOportE
67
103
0000
0: CIOPE0
1: CIOPE1
2: CIOPE2
3: CIOPE3
Port E Input/Output individual
control
ClkSWB
68
104
0000
0: CkSWB0
1: CkSWB1
2: 0
3: V03
Clock selector for SWB
SWBuff
69
105
1111
0: Buff0
1: Buff1
2: Buff2
3: Buff3
SWB intermediate buffer
LowSWB
6A
106
0000
0: size[0]
1: size[1]
2: size[2]
3: size[3]
low nibble to define the size of
data to be send in Automatic
mode
HighSWB
6B
107
0000
0: size[4]
1: size[5]
2: StSWB
3: AutoSWB
the size of the data to be sent &
SWB control
Register
name
add
hex
add
dec
power
up
value
write_bits
read_bits
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com