Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 19 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 19 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 23Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
19
www.emmicroelectronic.com
7.5
PortE
PortE is a 4-bit I/O port where each pad PE(0:3) can be separately configured by software to be either input or output by
writing to the corresponding bit of the CIOPortE control register. The PortE register is used to read data when in input mode
and to write data when in output mode. On each terminal controlled Pull-Up/Down resistor can be selected by metal option
which are active only when selected as input. Special case is when we want to use internal Strong pull-up resistor also when
PortC terminal is declared as N-channel open drain output and internal pull-up resistor is used to pull up the output (not-
controlled pull-up). This is a special option “sod” = strong pull-up for Open drain- active all the time (when terminal is input or
output).
Input mode is set by writing 0 to the corresponding bit in the CIOPortE register. This results in a high impedance state with
the status of the pin being read from register PortE. Output mode is set by writing 1 to the corresponding bit in the CIOPortE
register. Consequently the output terminal follows the status of the bits in the PortE register. At initial RESET the CIOPortE
register is set to 0, thus setting the port to an input.
7.5.1
PortE registers
Table 25.
PortE Input/Output status register - PortE
Bit
Name
Reset
R/W
Description
3
PE3
-
R/W
PE3 I/O data
2
PE2
-
R /W
PE2 I/O data
1
PE1
-
R/W
PE1 I/O data
0
PE0
-
R /W
PE0 I/O data
Table 26.
PortE Input/Output control register - CIOPortE
Bit
Name
Reset
R/W
Description
3
CIOPE3
0
R/W
PE3 Input/Output select
2
CIOPE2
0
R/W
PE2 Input/Output select
1
CIOPE1
0
R/W
PE1 Input/Output select
0
CIOPE0
0
R/W
PE0 Input/Output select
PE[3:0]
Vdd
2Y
2N
Mask
option
Mask
option
0
Mask
option
1
Mask
option
PortE RD
PG
NG
OE
D
Port E
CIOPE
Figure 11.
Port E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com