Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6607 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Table of Tables
Table 1.
IntRq register
83H
7
Table 2.
Watchdog register - WD
84H
8
Table 3.
Internal state in Active, Stand-by and Sleep mode
85H
8
Table 4.
PortA Inputs RESET options (metal Hardware option)
86H
10
Table 5.
Watchdog-Timer Option (software option)
87H
10
Table 6.
Software Power-On-Reset
88H
10
Table 7.
Initial Value after RESET
89H
11
Table 8.
Prescaler interrupts source
90H
12
Table 9.
Prescaler control register - PRESC
91H
12
Table 10. Watchdog register - WD
92H
12
Table 11. Input / Output Ports Overview
93H
13
Table 12. Option register - Option
94H
13
Table 13. PortA input status register - PortA
95H
14
Table 14. PortA Interrupt request register - IRQpA
96H
14
Table 15. PortA interrupt mask register - MportA
97H
14
Table 16. PortB input/output status register - PortB
98H
15
Table 17. PortB Input/Output control register - CIOportB
99H
15
Table 18. Ports A&C Interrupt
100H
16
Table 19. PortC input/output register - PortC
101H
16
Table 20. PortC Interrupt request register - IRQpC
102H
16
Table 21. PortC interrupt mask register - MportC
103H
16
Table 22. Option2 register - Option2
104H
17
Table 23. PortD Input/Output register - PortD
105H
18
Table 24. Ports control register - CPIOB
106H
18
Table 25. PortE Input/Output status register - PortE
107H
19
Table 26. PortE Input/Output control register - CIOPortE
108H
19
Table 27. Buzzer control register - BEEP
109H
20
Table 28. Buzzer output pad allocation
110H
20
Table 29. PB0 & PE0 function used with BUen and BuzzerPE0
control bits
111H
20
Table 30. Timer Clock Selection
112H
22
Table 31. Timer control register - TimCtr
113H
22
Table 32. LOW Timer Load/Status register - LTimLS (4 low bits)
114H
22
Table 33. HIGH Timer Load/Status register - HTimLS (4 high bits)
115H
22
Table 34. PA3 counter input selection register - PA3cnt
116H
22
Table 35. PA3 counter input selection
117H
22
Table 36. Main Interrupt request register - IntRq (Read Only)*
118H
23
Table 37. Register - CIRQD
119H
24
Table 38. SVLD Level selection
120H
25
Table 39. SVLD control register - SVLD
121H
25
Table 40. SWB clock selection
122H
26
Table 41. SWB clock selection register - ClkSWB
123H
26
Table 42. PortD status
124H
26
Table 43. SWB buffer register - SWbuff
125H
27
Table 44. SWB Low size register - LowSWB
126H
27
Table 45. SWB High size register – HighSWB
127H
27
Table 46. input/output Ports
128H
31
Table 47. PortB Hi Current Drive capability
129H
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com