Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 43 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 43 Page - EM Microelectronic - MARIN SA

Back Button EM6607 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 47Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
43
www.emmicroelectronic.com
18.6 DC characteristics - Supply Voltage Detector Levels
Conditions: T= +25°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Supply Voltage Detector
SVLD lev3
SVLD lev2
SVLD lev1
VL3
VL2
VL1
0.88 x VL3
0.88 x VL2
0.88 x VL1
VL3
VL2
VL1
1.12 x VL3
1.12 x VL2
1.12 x VL1
V
V
V
Supply Voltage Detector
SVLD lev3
SVLD lev2
SVLD lev1
0°C to +65°C
VL3
VL2
VL1
0.88 x VL3
0.88 x VL2
0.88 x VL1
VL3
VL2
VL1
1.12 x VL3
1.12 x VL2
1.12 x VL1
V
V
V
SVLD typical level values must be selected with a precision of 100 mV.
18.7 Oscillator
Conditions: T=25
°C (unless otherwise specified)
Parameter
Conditions
Symbol
Min.
Typ.
Max.
Unit
Temperature stability
+15°C to +35 °C
df/f x dT
0,3
ppm /°C
Voltage stability
VDD=1,4V to 1,6 V
df/f x dU
5
ppm /V
Input capacitor
Ref. on VSS
CIN
5,6
7
8,4
pF
Output capacitor
Ref. on VSS
CIN
12,1
14
15,9
pF
Transconductance
50mVpp,VDD min
Gm
2.5
15.0
µA/V
Oscillator start voltage
TSTART< 10 s
USTART
VDD min
V
Oscillator start time
VDD > VDD Min
tDOSC
0.5
3
s
System start time
(oscillator + cold-start + reset)
tDSYS
1.5
4
s
Oscillation detector frequency
VDD > VDD min
tDetFreq
6
12
kHz
18.8 Input Timing characteristics
Conditions: 1.5V<VDD<3.0V, -20°C <T<85°C (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Unit
RESET pulse length to exit
SLEEP mode
RESET from
SLEEP
tRESsl
2
μs
RESET pulse length (debounced)
PortA , C pulse length (debounced)
DebCK = 0
DebCK = 0
tdeb0
tdeb0
2
2
ms
ms
RESET pulse length (debounced)
PortA , C pulse length (debounced)
DebCK = 1
DebCK = 1
tdeb1
tdeb1
16
16
ms
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com