Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6607 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6607
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6607 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6607 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Table of Contents
1
PIN DESCRIPTION FOR EM6607
0H
5
2
OPERATING MODES
1H
7
2.1 ACTIVE MODE
2H
7
2.2 STANDBY MODE
3H
7
2.3 SLEEP MODE
4H
7
3
POWER SUPPLY
5H
8
4
RESET
6H
9
4.1 OSCILLATION DETECTION CIRCUIT
7H
9
4.2 RESET PIN
8H
9
4.3 INPUT PORT (PA0..PA3) RESET
9H
10
4.4 WATCHDOG TIMER RESET
10H
10
4.5 SOFTWARE POWER-ON-RESET
11H
10
4.6 CPU STATE AFTER RESET
12H
11
4.7 POR WITH POWER-CHECK RESET
13H
11
5
OSCILLATOR
14H
12
5.1 PRESCALER
15H
12
6
WATCHDOG TIMER
16H
12
7
INPUT AND OUTPUT PORTS
17H
13
7.1 PORTA
18H
13
7.1.1
PortA registers
19H
14
7.2 PORTB
20H
15
7.2.1
PortB registers
21H
15
7.3 PORTC
22H
16
7.3.1
PortC registers
23H
16
7.4 PORTD
24H
18
7.4.1
PortD registers
25H
18
7.5 PORTE
26H
19
7.5.1
PortE registers
27H
19
8
BUZZER
28H
20
8.1 BUZZER REGISTER
29H
20
9
TIMER/EVENT COUNTER
30H
21
9.1 TIMER/COUNTER REGISTERS
31H
22
10
INTERRUPT CONTROLLER
32H
23
10.1 INTERRUPT CONTROL REGISTERS
33H
23
11
SUPPLY VOLTAGE LEVEL DETECTOR (SVLD)
34H
25
12
SERIAL WRITE BUFFER – SWB
35H
26
12.1 SWB AUTOMATIC SEND MODE
36H
28
12.2 SWB INTERACTIVE SEND MODE
37H
29
13
STROBE / RESET OUTPUT
38H
30
14
TEST AT EM - ACTIVE SUPPLY CURRENT TEST
39H
30
15
METAL MASK OPTIONS
40H
31
15.1.1
Power-Check Level Option
41H
32
15.1.2
PortA reset Option, see paragraph 3.3
42H
32
15.1.3
SVLD levels Option, see paragraph 10.0 SVLD
43H
32
16
PERIPHERAL MEMORY MAP
44H
33
17
TEMPERATURE AND VOLTAGE BEHAVIOURS
45H
36
17.1 IDD CURRENT (TYPICAL)
46H
36
17.2 PULL-DOWN RESISTANCE (TYPICAL)
47H
37
17.3 OUTPUT CURRENTS (TYPICAL)
48H
38
18
ELECTRICAL SPECIFICATIONS
49H
40
18.1 ABSOLUTE MAXIMUM RATINGS
50H
40
18.2 STANDARD OPERATING CONDITIONS
51H
40
18.3 HANDLING PROCEDURES
52H
40
18.4 DC CHARACTERISTICS - POWER SUPPLY PINS
53H
40
18.5 DC CHARACTERISTICS - INPUT/OUTPUT PINS
54H
42
18.6 DC CHARACTERISTICS - SUPPLY VOLTAGE DETECTOR
LEVELS
55H
43
18.7 OSCILLATOR
56H
43
18.8 INPUT TIMING CHARACTERISTICS
57H
43
19
PAD LOCATION DIAGRAM
58H
44
20
PACKAGE DIMENSIONS
59H
45
21
ORDERING INFORMATION
60H
47
21.1 PACKAGE MARKING
61H
47
21.2 CUSTOMER MARKING
62H
47
Table of Figures
Figure 1.
Architecture
63H
1
Figure 2.
Pin Configuration
64H
1
Figure 3.
Typical Configuration: VDD 1.4V up to 3.3V
65H
6
Figure 4.
Typical Configuration: VDD 1.2V up to 1.8V
66H
6
Figure 5.
Mode Transition Diagram
67H
7
Figure 6.
System reset generation
68H
9
Figure 7.
Port A
69H
14
Figure 8.
Port B
70H
15
Figure 9.
Port C
71H
17
Figure 10. Port D
72H
18
Figure 11. Port E
73H
19
Figure 12. Timer / Event Counter
74H
21
Figure 13. Interrupt Request generation
75H
24
Figure 14. Serial write buffer
76H
27
Figure 15. Automatic Serial Write Buffer transmission
77H
28
Figure 16. Interactive Serial Write Buffer transmission
78H
29
Figure 17. Dimensions of SOP24 Package SOIC
79H
45
Figure 18. Dimensions of TSSOP24 Package
80H
45
Figure 19. Dimensions of SOP28 Package SOIC
81H
46
Figure 20. Dimensions of TSSOP28 Package
82H
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com